| データシートサーチシステム |
|
WM8985GEFL/R データシート(PDF) 116 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8985GEFL/R データシート(HTML) 116 Page - Wolfson Microelectronics plc |
|
116 / 118 page ![]() WM8985 Pre-Production w PP, Rev 3.5, March 2007 116 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 64 External Component Diagram 1. When operating LOUT2 and ROUT2 in class D mode, it is recommended that LC filtering is placed as close to the LOUT2 and ROUT2 pins as possible. Low ESR components should be used for maximum efficiency. It is recommended that a filter, consisting of a 33µH inductor and a 220nF capacitor, is used for optimal performance. 2. The addition of ferrite beads to the outputs of LOUT2 and ROUT2 will suppress any potential interference noise produced by the class D switching clocks. |