データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT25010 データシート(PDF) 2 Page - ATMEL Corporation

部品番号 AT25010
部品情報  SPI Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25010 データシート(HTML) 2 Page - ATMEL Corporation

  AT25010_03 Datasheet HTML 1Page - ATMEL Corporation AT25010_03 Datasheet HTML 2Page - ATMEL Corporation AT25010_03 Datasheet HTML 3Page - ATMEL Corporation AT25010_03 Datasheet HTML 4Page - ATMEL Corporation AT25010_03 Datasheet HTML 5Page - ATMEL Corporation AT25010_03 Datasheet HTML 6Page - ATMEL Corporation AT25010_03 Datasheet HTML 7Page - ATMEL Corporation AT25010_03 Datasheet HTML 8Page - ATMEL Corporation AT25010_03 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
AT25010/020/040
0606M–SEEPR–06/03
Block Diagram
Absolute Maximum Ratings*
Operating Temperature ................................. -55°C to + 125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature .................................... -65°C to + 150°C
Voltage on Any Pin
with Respect to Ground ....................................-1.0V to + 7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA


同様の部品番号 - AT25010_03

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT25010-10PC ATMEL-AT25010-10PC Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PC-1.8 ATMEL-AT25010-10PC-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PC-2.7 ATMEL-AT25010-10PC-2.7 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PI ATMEL-AT25010-10PI Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25010-10PI-1.8 ATMEL-AT25010-10PI-1.8 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
More results

同様の説明 - AT25010_03

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com