データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT25HP256 データシート(PDF) 9 Page - ATMEL Corporation

部品番号 AT25HP256
部品情報  SPI Serial EEPROMs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25HP256 データシート(HTML) 9 Page - ATMEL Corporation

Back Button AT25HP256_06 Datasheet HTML 5Page - ATMEL Corporation AT25HP256_06 Datasheet HTML 6Page - ATMEL Corporation AT25HP256_06 Datasheet HTML 7Page - ATMEL Corporation AT25HP256_06 Datasheet HTML 8Page - ATMEL Corporation AT25HP256_06 Datasheet HTML 9Page - ATMEL Corporation AT25HP256_06 Datasheet HTML 10Page - ATMEL Corporation AT25HP256_06 Datasheet HTML 11Page - ATMEL Corporation AT25HP256_06 Datasheet HTML 12Page - ATMEL Corporation AT25HP256_06 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
AT25HP256/512
1113L–SEEPR–3/06
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select
one of four levels of protection. The AT25HP256/512 is divided into four array seg-
ments. Top quarter (1/4), top half (1/2), or all of the memory segments can be protected.
Any of the data within any selected segment will therefore be READ only. The block
write protection levels and corresponding status register control bits are shown in Table
8.
The three bits, BP0, BP1, and WPEN are nonvolatile cells that have the same properties
and functions as the regular memory cells (e.g., WREN, t
WC, RDSR).
The WRSR instruction also allows the user to enable or disable the write protect (WP)
pin through the use of the write protect enable (WPEN) bit. Hardware write protection is
enabled when the WP pin is low and the WPEN bit is “1”. Hardware write protection is
disabled when either the WP pin is high or the WPEN bit is “0.” When the device is hard-
ware write protected, writes to the status register, including the block protect bits and the
WPEN bit, and the block-protected sections in the memory array are disabled. Writes
are only allowed to sections of the memory which are not block-protected.
NOTE: When the WPEN bit is hardware write protected, it cannot be changed back to
“0” as long as the WP pin is held low.
Table 7. Read Status Register Bit Definition
Bit
Definition
Bit 0 (RDY)
Bit 0 = “0” (RDY) indicates the device is ready. Bit 0 = “1” indicates the write
cycle is in progress.
Bit 1 (WEN)
Bit 1= “0” indicates the device is not write-enabled. Bit 1 = “1” indicates the
device is write-enabled.
Bit 2 (BP0)
See Table 8.
Bit 3 (BP1)
See Table 8.
Bits 4-6 are “0”s when device is not in an internal write cycle.
Bit 7 (WPEN)
See Table 9.
Bits 0-7 are “1”s during an internal write cycle.
Table 8. Block Write Protect Bits
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
AT25HP256/512
0
0
0
None
1(1/4)
0
1
6000 - 7FFF/C000 - FFFF
2(1/2)
1
0
4000 - 7FFF/8000 - FFFF
3(All)
1
1
0000 - 7FFF/0000 - FFFF
Table 9. WPEN Operation
WPEN
WP
WEN
ProtectedBlocks
UnprotectedBlocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected


同様の部品番号 - AT25HP256_06

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT25HP256-10CC ATMEL-AT25HP256-10CC Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25HP256-10CC-1.8 ATMEL-AT25HP256-10CC-1.8 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25HP256-10CC-2.7 ATMEL-AT25HP256-10CC-2.7 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25HP256-10CI ATMEL-AT25HP256-10CI Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25HP256-10CI-1.8 ATMEL-AT25HP256-10CI-1.8 Datasheet
178Kb / 15P
SPI Serial EEPROMs
More results

同様の説明 - AT25HP256_06

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
SPI Serial EEPROMs
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com