| データシートサーチシステム |
|
AT83SND1CXXX-ROTIL データシート(PDF) 136 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND1CXXX-ROTIL データシート(HTML) 136 Page - ATMEL Corporation |
|
136 / 212 page ![]() 136 4109J–8051–10/06 AT8xC51SND1C 17.3.3 Baud Rate Selection (Mode 0) In mode 0, the baud rate can be either, fixed or variable. As shown in Figure 17-6, the selection is done using M0SRC bit in BDRCON register. Figure 17-7 gives the baud rate calculation formulas for each baud rate source. Figure 17-6. Baud Rate Source Selection (mode 0) Figure 17-7. Baud Rate Formulas (Mode 0) 17.4 Asynchronous Modes (Modes 1, 2 and 3) The Serial Port has one 8-bit and 2 9-bit asynchronous modes of operation. Figure 17-8 shows the Serial Port block diagram in such asynchronous modes. Figure 17-8. Serial I/O Port Block Diagram (Modes 1, 2 and 3) 17.4.0.1 Mode 1 Mode 1 is a full-duplex, asynchronous mode. The data frame (see Figure 17-9) consists of 10 bits: one start, eight data bits and one stop bit. Serial data is transmitted on the TXD pin and received on the RXD pin. When a data is received, the stop bit is read in the RB8 bit in SCON register. 0 1 M0SRC BDRCON.0 PER CLOCK ÷ 6 To Serial Port IBRG CLOCK Baud_Rate= 6 (1-SPD) ⋅ 32 ⋅ (256 -BRL) 2SMOD1 ⋅ F PER BRL= 256 - 6 (1-SPD) ⋅ 32 ⋅ Baud_Rate 2SMOD1 ⋅ F PER a. Fixed Formula b. Variable Formula Baud_Rate = 6 F PER TB8 SCON.3 IBRG CLOCK RXD TXD SBUF Tx SR Rx SR SM1 SCON.6 SM0 SCON.7 Mode Decoder M3 M2 M1 M0 RI SCON.0 TI SCON.1 Mode & Clock Controller SBUF Rx RB8 SCON.2 SM2 SCON.4 T1 CLOCK PER CLOCK |