| データシートサーチシステム |
|
AT80C51SND1C-ROTIL データシート(PDF) 110 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT80C51SND1C-ROTIL データシート(HTML) 110 Page - ATMEL Corporation |
|
110 / 212 page ![]() 110 4109J–8051–10/06 AT8xC51SND1C Figure 15-1. Sequential Read Operation Figure 15-2. (Multiple) Block Read Operation As shown in Figure 15-3 and Figure 15-4 the data write operation uses a simple busy signalling of the write operation duration on the data line (MDAT). Figure 15-3. Sequential Write Operation Figure 15-4. Multiple Block Write Operation Figure 15-5. No Response and No Data Operation Data Stream Command Response MCMD MDAT Data Stop Operation Data Transfer Operation Command Response Stop Command Data Block MCMD MDAT Data Stop Operation Block Read Operation CRC Multiple Block Read Operation Command Response Command Response Data Block CRC Data Block CRC Stop Command Data Stream MCMD MDAT Data Stop Operation Data Transfer Operation Command Response Command Response Stop Command Busy MCMD MDAT Data Stop Operation Block Write Operation Multiple Block Write Operation Busy Data Block CRC Data Block CRC Command Response Command Response Stop Command Status Busy Status Command MCMD MDAT No Data Operation No Response Operation Command Response |