データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BK4819 データシート(PDF) 4 Page - Beken Corporation

部品番号 BK4819
部品情報  Analog Two Way Radio IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEKEN [Beken Corporation]
ホームページ  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK4819 データシート(HTML) 4 Page - Beken Corporation

  BK4819 Datasheet HTML 1Page - Beken Corporation BK4819 Datasheet HTML 2Page - Beken Corporation BK4819 Datasheet HTML 3Page - Beken Corporation BK4819 Datasheet HTML 4Page - Beken Corporation BK4819 Datasheet HTML 5Page - Beken Corporation BK4819 Datasheet HTML 6Page - Beken Corporation BK4819 Datasheet HTML 7Page - Beken Corporation BK4819 Datasheet HTML 8Page - Beken Corporation BK4819 Datasheet HTML 9Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
BK4819
Proprietary and Confidential
Page 4 of 22
1.2.3 RF Frequency Synthesizer
An RF synthesizer is implemented to generate local oscillator(LO) signals. It
includes a voltage controlled oscillator(VCO), a fractional-N divider(frac-N), a
phase-frequency detector(PFD), a charge pump(CP) and a loop filter(LF). The
RF synthesizer is shared for RX mode and TX mode. The block diagram of the
synthesizer is shown in Figure 2.
In RX mode, the RF frequency synthesizer generates unmodulated LO signal.
And the unmodulated LO signal is then divided by an integer Ndiv for down-
conversion mixer in the FM receiver. In TX mode, FM modulation is realized in
the RF frequency synthesizer.
In RX mode, the locked frequency of the synthesizer is equal to Ndiv x (fwanted-fIF).
While in TX mode, the locked frequency of the synthesizer is equal to Ndiv x fwanted.
Channel selection is also implemented by programming the value of fraction-N
through 3-wire SPI interface. On power up or channel reselection, the
synthesizer takes less than 0.3m sec to settle.
For BK4819, the default crystal is 26MHz. The frequency tolerance of the crystal
should be within
2.5ppm to keep a reliable communication.
1.2.4 Input/output Matching
Since the LNA input and the PA output are of single-ended, external balun is not
necessary. Both the input matching and the output matching can be implemented
using low-cost discrete inductors and capacitors. The schematic of input/output
matching is shown in Figure 3.
Figure 3. Schematic of Input/Output matching
As for input matching, capacitor C1 is used for DC-blocking. The recommended
value of C1 is 4.7pF. The DC voltage at PIN15 is about 0V in RX mode. Inductor
L1 is used for impedance transformation. The recommended value of L1 is NC.
As for output matching, capacitor C2 is used for DC-blocking, too.


同様の説明 - BK4819

メーカー部品番号データシート部品情報
logo
Asahi Kasei Microsystem...
AK2360A AKM-AK2360A Datasheet
152Kb / 10P
   Scrambler IC for two-way radio
AK2360 AKM-AK2360 Datasheet
156Kb / 10P
   Scrambler IC for two-way radio
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
logo
Holtek Semiconductor In...
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Asahi Kasei Microsystem...
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com