データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38-00-0205 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 38-00-0205
部品情報  KK (5.08)/.200 VERTICAL HEADER ASSEMBLY ROUND PIN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

38-00-0205 データシート(HTML) 1 Page - Molex Electronics Ltd.

  38-00-0205 Datasheet HTML 1Page - Molex Electronics Ltd. 38-00-0205 Datasheet HTML 2Page - Molex Electronics Ltd. 38-00-0205 Datasheet HTML 3Page - Molex Electronics Ltd. 38-00-0205 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


同様の部品番号 - 38-00-0205

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
38-00-0089 MOLEX3-38-00-0089 Datasheet
437Kb / 6P
   2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical Square Pin, 6 Circuits, Circuit 3 Voided
38-00-0090 MOLEX3-38-00-0090 Datasheet
437Kb / 6P
   2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Vertical Square Pin, 6 Circuits, Circuits 3, 4 & 5 Voided
38-00-0589 MOLEX11-38-00-0589 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 6 Circuits, 2 Female Terminal, 4 Male Terminals
38-00-0590 MOLEX11-38-00-0590 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093Pin and Socket Header, Shrouded, 6 Circuits, 3 Male Terminals, 1 Female Terminal, 2 Male Terminals
38-00-0611 MOLEX3-38-00-0611 Datasheet
437Kb / 6P
   2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Vertical Square Pin, 5 Circuits, Circuit 3 Voided
More results

同様の説明 - 38-00-0205

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0026192071 MOLEX3-0026192071 Datasheet
238Kb / 3P
   3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall
26-64-4080 MOLEX11-26-64-4080 Datasheet
271Kb / 8P
   KK 156 HEADER ASSEMBLY, FRICTION LOCK VERTICAL PEGS
022032021 MOLEX-022032021 Datasheet
172Kb / 2P
   KK 100 HEADER ASSEMBLY
2011/09/30
022102021 MOLEX-022102021 Datasheet
172Kb / 2P
   KK 100 HEADER ASSEMBLY
2011/09/30
logo
TE Connectivity Ltd
ENG_CD_1744037 TEC-ENG_CD_1744037 Datasheet
367Kb / 2P
   HEADER ASSEMBLY-ECONOMY POWER VERTICAL, 200 CENTERLINE
logo
Molex Electronics Ltd.
0010081021 MOLEX1-0010081021 Datasheet
306Kb / 5P
   5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 2 Circuits, Tin (Sn) Plating, Pin Length 19.05mm (.750")
0010451111 MOLEX1-0010451111 Datasheet
312Kb / 5P
   5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 11 Circuits, Gold (Au) Plating,Pin Length 19.05mm (.750")
0010451051 MOLEX1-0010451051 Datasheet
312Kb / 5P
   5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 5 Circuits, Gold (Au) Plating, Pin Length 19.05mm (.750")
0010081121 MOLEX1-0010081121 Datasheet
306Kb / 5P
   5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 12 Circuits, Tin (Sn) Plating, Pin Length 19.05mm (.750")
0010081111 MOLEX1-0010081111 Datasheet
306Kb / 5P
   5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 11 Circuits, Tin (Sn) Plating, Pin Length 19.05mm (.750")
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com