データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

022032021 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 022032021
部品情報  KK 100 HEADER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

022032021 データシート(HTML) 1 Page - Molex Electronics Ltd.

  022032021 Datasheet HTML 1Page - Molex Electronics Ltd. 022032021 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL TOLERANCES
(UNLESS SPECIFIED)
MM
INCH
4 PLACES
±
±
3 PLACES
±
±
0.015
2 PLACES
±
0.38
±
1 PLACES
±
±
0 PLACES
±
±
ANGULAR TOL ± 0.5
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
SERIES
MATERIAL NUMBER
CUSTOMER
GENERAL MARKET
4030
SEE CHART
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NUMBER
1 OF 2
DIMENSION UNITS
SCALE
MM/IN
4:1
DRWN BY
DATE
KSAMIEC
2011/03/21
CHK'D BY
DATE
MKIPPER
2011/03/22
APPR BY
DATE
JCOMERCI
2011/09/30
DOCUMENT NUMBER
DOC TYPE DOC PART
SD-4030-0001
PSD
001
DRAWING SIZE
THIRD ANGLE PROJECTION
B
KK 100 HEADER ASSEMBLY
PRODUCT CUSTOMER DRAWING
CK3
QUALITY
SYMBOLS
=
0
=
0
=
0
=
0
=
0
=
0
=
0
=
0
FORMAT: Eng-lega-master-tb-prod-B
REVISION: C
DATE: 2017/02/06
RELEASE STATUS
P1
RELEASE DATE
17.11.2017
05:12:53
C
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
14
03
25.40
1.000
⌖ ⌀0.05/.002
Ⓜ A B
14.99
±0.23
.590
±.009
0.67
TIN
.100
TYP. REF
B REF
.130
38.10
1.500
08
A
TYP
GOLD
⌀1.02±0.05
7.62
.300
TYP
2.36
5.08
.200
14.22
PCB LAYOUT: COMPONENT SIDE
RECOMMENDED PCB THICHNESS: 1.57/.062
7.49
±0.38
22.86
.900
27.94
1.100
P
02
DIM A
AT TIP
TYP
2.54
40.39
±0.28
1.590
±.011
.295
±.015
.093
NOTES:
1. MATERIAL: NYLON, UL 94V-0, COLOR: WHITE
2. FINISH:
197 = OVERALL REFLOWED MATTE TIN: 0.00152/.000060 MIN.
OVER 0.00127/.000050 MIN. NICKEL
228 = SELECT GOLD: 0.00076/.000030 MIN.
SELECT MATTE TIN: 0.00254/.000100 MIN.
OVERALL NICKEL UNDERPLATE: 0.00127/.000050 MIN.
241 = SELECT GOLD: 0.00051/.000020 MIN.
SELECT MATTE TIN: 0.00254/.000100 MIN.
OVERALL NICKEL UNDERPLATE: 0.00127/.000050 MIN.
3. PRODUCT SPEC: PS-10-07
4. PACKAGING SPEC: PK-4030-001
5. SOLDERABILITY SPEC: SMES-152
6. PIN PUSHOUT FORCE: 8.9N / 2 LBS MIN
7. PARTS ARE STACKABLE END TO END
AND SIDE TO SIDE ON 2.54/.100 CENTERS
8. THIS PART CONFORMS TO CLASS B REQUIREMENTS OF COSMETIC
SPECIFICATION PS-45499-002 EXCEPT THIN WALLS ON STANDOFFS
CONFIRM TO CLASS C REQUIREMENTS FOR SHORT FILL
9. NON-STANDARD PARTS SEE SD-4030-0002
10. TEXT ON PART IS FOR REFERENCE ONLY. TEXT AND
TEXT LOCATION MAY VARY DEPENDING ON PART NUMBER
AND/OR TOOL
⌖ ⌀0.41/.016
Ⓜ A B C
30.48
1.200
12
06
.560
20.32
.800
30.23
±0.28
1.190
±.011
37.85
±0.28
1.490
±.011
05
15.24
.600
4.83
±0.20
.190
±.008
CKTS
TYP
REF
7.37
±0.20
.290
±.008
32.77
±0.28
1.290
±.011
12.45
±0.20
.490
±.008
10.16
.400
2.54
09
22.61
±0.25
.890
±.010
13
9.91
±0.20
.390
±.008
04
AT TIP
TYP
10
07
35.56
1.400
3.30
15
16
17.78
.700
12.70
.500
27.69
±0.25
1.090
±.010
11
A
⌖ ⌀0.25/.010
Ⓜ A B C
33.02
1.300
35.31
±0.28
1.390
±.011
25.15
±0.25
.990
±.010
20.07
±0.23
.790
±.009
17.53
±0.23
.690
±.009
.100
.026
TYP
2.54
.100
DIM B
TYP
.040
±.002
TYP
SEE NOTE 8
C
A
B
B


同様の部品番号 - 022032021

メーカー部品番号データシート部品情報
logo
JMK Inc.
0220 JMK-0220 Datasheet
46Kb / 1P
designed to provide common-mode filtering for computer periphereral and other electronic hardware using linear power supplies
logo
Coherent Corp
0220-968-00 COHERENT-0220-968-00 Datasheet
864Kb / 6P
Miniature Diode Laser Modules
0220-970-00 COHERENT-0220-970-00 Datasheet
864Kb / 6P
Miniature Diode Laser Modules
logo
STEGO Elektrotechnik Gm...
02200.0-00 STEGO-02200.0-00 Datasheet
568Kb / 2P
VARIOLINE LAMP
20.07.2022
02200.0-30 STEGO-02200.0-30 Datasheet
568Kb / 2P
VARIOLINE LAMP
20.07.2022
More results

同様の説明 - 022032021

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
26-64-4080 MOLEX11-26-64-4080 Datasheet
271Kb / 8P
KK 156 HEADER ASSEMBLY, FRICTION LOCK VERTICAL PEGS
logo
Tyco Electronics
1650720 MACOM-1650720 Datasheet
138Kb / 1P
MTA 100 HEADER ASSEMBLY
2-644803-6 MACOM-2-644803-6 Datasheet
155Kb / 1P
MTA-100 SHROUDED HEADER ASSEMBLY
logo
List of Unclassifed Man...
22-03-2032 ETC2-22-03-2032 Datasheet
543Kb / 5P
KK 100 HEADER ASSEMBLY NON STANDARD OPTIONS
logo
Molex Electronics Ltd.
010081021 MOLEX-010081021 Datasheet
274Kb / 4P
KK (5.08)/.200 VERTICAL HEADER ASSEMBLY ROUND PIN
2010/12/06
022102021 MOLEX-022102021 Datasheet
172Kb / 2P
KK 100 HEADER ASSEMBLY
2011/09/30
022284020 MOLEX-022284020 Datasheet
1Mb / 70P
KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
022286020 MOLEX-022286020 Datasheet
296Kb / 12P
KK 100 HEADER ASSEMBLY FLAT RIGHT ANGLE BREAKAWAY |
12/7/03
022288020 MOLEX-022288020 Datasheet
468Kb / 18P
KK 100 HEADER ASSEMBLY FLAT RIGHT ANGLE BREAKAWAY
2021/10/29
423754200 MOLEX-423754200 Datasheet
987Kb / 35P
KK 100 HEADER ASSY FLAT VERTICAL BREAKAWAY
2021/12/20
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com