データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1476025 データシート(PDF) 4 Page - PHOENIX CONTACT

部品番号 1476025
部品情報  NBC-P12MSD/ 5,0-93E/R4AC - Network cable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1476025 データシート(HTML) 4 Page - PHOENIX CONTACT

  1476025 Datasheet HTML 1Page - PHOENIX CONTACT 1476025 Datasheet HTML 2Page - PHOENIX CONTACT 1476025 Datasheet HTML 3Page - PHOENIX CONTACT 1476025 Datasheet HTML 4Page - PHOENIX CONTACT 1476025 Datasheet HTML 5Page - PHOENIX CONTACT 1476025 Datasheet HTML 6Page - PHOENIX CONTACT 1476025 Datasheet HTML 7Page - PHOENIX CONTACT 1476025 Datasheet HTML 8Page - PHOENIX CONTACT 1476025 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
External cable diameter
6.4 mm ±0.2 mm
Outer sheath, material
PUR
External sheath, color
water blue RAL 5021
Conductor material
Bare Cu litz wires
Material wire insulation
Foamed PE
Single wire, color
white/orange-orange, white/green-green
Thickness, outer sheath
1.2 mm
Twisted pairs
2 cores to the pair
Overall twist
Two pairs with two fillers to the core
Optical shield covering
70 %
Insulation resistance
≥ 500 MΩ*km
Coupling resistance
≤ 100.00 mΩ/m (at 10 MHz)
Loop resistance
≤ 290.00 Ω/km
Wave impedance
100 Ω ±5 Ω (at 100 MHz)
Cable capacity
approx. 45 nF/km (at 1 kHz)
Nominal voltage, cable
≤ 100 V (Peak value, not for high-power applications)
Test voltage Core/Core
700 V (50 Hz, 1 min.)
Test voltage Core/Shield
700 V (50 Hz, 1 min.)
Current carrying capacity of cable
2 A (according to DIN VDE 0891-1)
Minimum bending radius, fixed installation
4 x D
Minimum bending radius, flexible installation
8 x D
Smallest bending radius, fixed installation
26 mm
Smallest bending radius, movable installation
52 mm
Tensile strength
≤ 80 N
65.3 dB (with 1 MHz)
56.3 dB (at 4 МHz)
50.3 dB (at 10 MHz)
47.2 dB (at 16 MHz)
45.8 dB (at 20 МHz)
42.9 dB (at 31.25 МHz)
38.4 dB (at 62.5 МHz)
Near end crosstalk attenuation (NEXT)
35.3 dB (at 100 MHz)
62.3 dB (with 1 MHz)
53.3 dB (at 4 МHz)
47.3 dB (at 10 MHz)
44.2 dB (at 16 MHz)
42.8 dB (at 20 МHz)
39.9 dB (at 31.25 МHz)
35.4 dB (at 62.5 МHz)
Power-summated near end crosstalk attenuation (PSNEXT)
32.3 dB (at 100 MHz)
23 dB (at 4 МHz)
24.1 dB (at 8 МHz)
25 dB (at 10 MHz)
25 dB (at 16 MHz)
Return attenuation (RL)
NBC-P12MSD/ 5,0-93E/R4AC - Network cable
1476025
https://www.phoenixcontact.com/us/products/1476025
Jan 8, 2024, 6:36 AM
Page 4 (11)


同様の部品番号 - 1476025

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1476020 PHOENIX-1476020 Datasheet
1Mb / 9P
   NBC-10,0-93E/P12FSD - Network cable
1476023 PHOENIX-1476023 Datasheet
1Mb / 11P
   NBC-P12MSD/ 1,0-93E/R4AC - Network cable
1476024 PHOENIX-1476024 Datasheet
1Mb / 12P
   NBC-P12MSD/ 2,0-93E/R4AC - Network cable
1476027 PHOENIX-1476027 Datasheet
1Mb / 11P
   NBC-P12MSD/10,0-93E/R4AC - Network cable
1476029 PHOENIX-1476029 Datasheet
1Mb / 12P
   NBC-P12FSD/ 1,0-93E/R4AC - Network cable
More results

同様の説明 - 1476025

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1476051 PHOENIX-1476051 Datasheet
1Mb / 10P
   NBC-P12MSD/ 5,0-93E/P12MSD - Network cable
1476013 PHOENIX-1476013 Datasheet
1Mb / 10P
   NBC-P12MSD/ 5,0-93E - Network cable
1476027 PHOENIX-1476027 Datasheet
1Mb / 11P
   NBC-P12MSD/10,0-93E/R4AC - Network cable
1476024 PHOENIX-1476024 Datasheet
1Mb / 12P
   NBC-P12MSD/ 2,0-93E/R4AC - Network cable
1408935 PHOENIX-1408935 Datasheet
329Kb / 8P
   Network cable - NBC-R4AC/5,0-93E/R4AC
1476058 PHOENIX-1476058 Datasheet
2Mb / 11P
   NBC-P12MSD/ 5,0-93E/P12FSD - Network cable
1476031 PHOENIX-1476031 Datasheet
1Mb / 12P
   NBC-P12FSD/ 5,0-93E/R4AC - Network cable
1409860 PHOENIX-1409860 Datasheet
456Kb / 11P
   Network cable - NBC-M12MSD/ 5,0-93E/R4AC US
Jan 11, 2023
1407362 PHOENIX-1407362 Datasheet
612Kb / 16P
   Network cable - NBC-MSD/ 5,0-93E/R4AC SCO
Jan 11, 2023
1476012 PHOENIX-1476012 Datasheet
1Mb / 10P
   NBC-P12MSD/ 2,0-93E - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com