| データシートサーチシステム |
|
TMS320DM647 データシート(PDF) 165 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 データシート(HTML) 165 Page - Texas Instruments |
|
165 / 166 page ![]() www.ti.com 7 Mechanical Data 7.1 Thermal Data for ZUT 7.1.1 Packaging Information TMS320DM647/TMS320DM648 Digital Media Processor SPRS372 – MAY 2007 The following table(s) show the thermal resistance characteristics for the ZUT mechanical package. See Power Application Report. Table 7-1. Thermal Resistance Characteristics (PBGA Package) [ZUT] NO. °C/W(1) AIR FLOW (m/s)(2) 1 R Θ JC Junction-to-case 2 R Θ JB Junction-to-board 3 4 R Θ JA Junction-to-free air 5 7 8 PsiJT Junction-to-package top 9 11 12 PsiJB Junction-to-board 13 (1) The junction-to-case measurement was conducted in a JEDEC defined 1S0P system. Other measurements were conducted in a JEDEC defined 1S2P system and will change based on environment as well as application. For more information, see these three EIA/JEDEC standards: • EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • EIA/JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages . (2) m/s = meters per second The following packaging information and addendum reflect the most current data available for the designated device(s). This data is subject to change without notice and without revision of this document. Submit Documentation Feedback Mechanical Data 165 |