データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPSA18 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 MPSA18
部品情報  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MPSA18 データシート(HTML) 1 Page - Fairchild Semiconductor

  MPSA18_01 Datasheet HTML 1Page - Fairchild Semiconductor MPSA18_01 Datasheet HTML 2Page - Fairchild Semiconductor MPSA18_01 Datasheet HTML 3Page - Fairchild Semiconductor MPSA18_01 Datasheet HTML 4Page - Fairchild Semiconductor MPSA18_01 Datasheet HTML 5Page - Fairchild Semiconductor MPSA18_01 Datasheet HTML 6Page - Fairchild Semiconductor MPSA18_01 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Discrete POWER & Signal
Technologies
NPN General Purpose Amplifier
MPSA18
This device is designed for low noise, high gain, applications at
collector currents from 1
µ A to 50 mA. Sourced from Process
07. See 2N5088 for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
µµ
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
45
V
VCBO
Collector-Base Voltage
45
V
VEBO
Emitter-Base Voltage
6.5
V
IC
Collector Current - Continuous
100
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
MPSA18
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
C
B
E
TO-92
© 1997 Fairchild Semiconductor Corporation


同様の部品番号 - MPSA18_01

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MPSA18G ONSEMI-MPSA18G Datasheet
85Kb / 5P
   Low Noise Transistor NPN Silicon
April, 2007 ??Rev. 4
MPSA18RLRAG ONSEMI-MPSA18RLRAG Datasheet
85Kb / 5P
   Low Noise Transistor NPN Silicon
April, 2007 ??Rev. 4
MPSA18RLRMG ONSEMI-MPSA18RLRMG Datasheet
85Kb / 5P
   Low Noise Transistor NPN Silicon
April, 2007 ??Rev. 4
logo
Central Semiconductor C...
MPSA18 CENTRAL-MPSA18_15 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
More results

同様の説明 - MPSA18_01

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com