データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92F124 データシート(PDF) 103 Page - STMicroelectronics

部品番号 ST92F124
部品情報  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 データシート(HTML) 103 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 99Page - STMicroelectronics ST92F124 Datasheet HTML 100Page - STMicroelectronics ST92F124 Datasheet HTML 101Page - STMicroelectronics ST92F124 Datasheet HTML 102Page - STMicroelectronics ST92F124 Datasheet HTML 103Page - STMicroelectronics ST92F124 Datasheet HTML 104Page - STMicroelectronics ST92F124 Datasheet HTML 105Page - STMicroelectronics ST92F124 Datasheet HTML 106Page - STMicroelectronics ST92F124 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 429 page
background image
103/429
ST92F124/F150/F250 - INTERRUPTS
Figure 53. Standard Interrupt (Channels E to I) Control Bits and Vectors
INT E0
request
VECTOR
Priority level
Mask bit
Pending bit
IME0
IPE0
V7 V6 V5 0
0
0
0 X
X
X
0
INT E1
request
INT F0
request
INT F1
request
INT G0
request
INT G1
request
INT H0
request
INT H1
request
VECTOR
Priority level
Mask bit
Pending bit
IME1
IPE1
V7 V6 V5 0
0
0
1 X
X
X
1
V7 V6 V5 0
0
1
0 X
X
X
0
V7 V6 V5 0
0
1
1 X
X
X
1
V7 V6 V5 0
1
0
0 X
X
X
0
V7 V6 V5 0
1
0
1 X
X
X
1
V7 V6 V5 0
1
1
0 X
X
X
0
V7 V6 V5 0
1
1
1 X
X
X
1
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
VECTOR
Priority level
Mask bit IMF0
Pending bit IPF0
Pending bit IPF1
Pending bit IPG0
Pending bit IPG1
Pending bit IPH0
Pending bit IPH1
Mask bit IMF1
Mask bit IMG0
Mask bit
IMG1
Mask bit IMH0
Mask bit IMH1
ITEE0
ITEF0
ITEH0
ITRX0
ITEE1
ITEG0
ITEG1
ITEF1
CAN_0 *
ITEH1
ITRX1
ITTX
ITSCE
ITRX0
CAN_1 *
ITRX1
ITTX
ITSCE
INT I0
request
V7 V6 V5 1
0
0
0 X
X
X
0
VECTOR
Priority level
Pending bit IPI0
Mask bit IMI0
ITEI0
SCI-A *
* On some devices only
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More