| データシートサーチシステム |
|
ST92F124 データシート(PDF) 255 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92F124 データシート(HTML) 255 Page - STMicroelectronics |
|
255 / 429 page ![]() 255/429 SERIAL PERIPHERAL INTERFACE (SPI) SERIAL PERIPHERAL INTERFACE (Cont’d) Figure 123. Data Clock Timing Diagram MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA =1 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA =0 Note: This figure should not be used as a replacement for parametric information. Refer to the SPI Timing table in the Electrical Characteristics Section. (from slave) SCK SCK (CPOL = 1) (CPOL = 0) SCK SCK (CPOL = 1) (CPOL = 0) 9 |