データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

02540.1-03 データシート(PDF) 2 Page - STEGO Elektrotechnik GmbH

部品番号 02540.1-03
部品情報  LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEGO [STEGO Elektrotechnik GmbH]
ホームページ  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

02540.1-03 データシート(HTML) 2 Page - STEGO Elektrotechnik GmbH

  02540.1-03 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH 02540.1-03 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
95
1
2
1
2
STEGO - PRODUCT CATALOGUE
LIGHTING
This illustration shows the LED 025 lamp in a daisy chain application. The lamps are conveniently connected via quick connection plugs – up to 10 lamps max. can be daisy-chained this way.
The snap lock connectors ensure a stable electrical connection even if subjected to heavy vibration. The connection example shows a AC 230 V application, using the following cables: connection
cable with female connector, Art. No. 244356 (1); daisy chain extension cable with 2 connectors, Art. No. 244358 (2).
Female/male connectors are also available to assemble cables in non-standard lengths.
CONNECTION CABLE WITH FEMALE CONNECTOR AND OPEN END
EXTENSION CABLE WITH 2 CONNECTORS FOR DAISY CHAIN CONNECTION
FEMALE / MALE CONNECTORS
² applies only to the individual components (cable and connectors)
² applies only to the individual components (cable and connectors)
³ applies to rigid and stranded wire. Wire end ferrules must be used when connecting with stranded wires.
Photo: Connection cable, Art. No. 244356
Photo: Extension cable, Art. No. 244358
Photo: Female connector, Art. No. 264057
Photo: Male connector, Art. No. 264058
CONNECTION EXAMPLE
Art. No.
Model
Length
Voltage type
Color
Use for
Approvals²
244356
connection cable 2 x 1.5 mm² with female connector
2.0 m
AC
connector: white; cable: white
power input
VDE
244357
connection cable 2 x AWG 16 with female connector
2.0 m
AC
connector: white; cable: white
power input
VDE + UL
244360
connection cable 2 x 0.75 mm² with female connector
2.0 m
DC 24 – 48 V
connector: blue; cable: white
power input
VDE
244361
connection cable 2 x AWG 16 with female connector
2.0 m
DC 24 – 48 V
connector: blue; cable: white
power input
VDE + UL
Art. No.
Model
Length
Voltage type
Color
Use for
Approvals²
244358
extension cable 2 x 1.5 mm² with 2 connectors
1.0 m
AC
connectors: white; cable: white
daisy chain
VDE
244359
extension cable 2 x AWG 16 with 2 connectors
1.0 m
AC
connectors: white; cable: white
daisy chain
VDE + UL
244362
extension cable 2 x 1.5 mm² with 2 connectors
1.0 m
DC 24 – 48 V
connectors: blue; cable: white
daisy chain
VDE
244363
extension cable 2 x AWG 16 with 2 connectors
1.0 m
DC 24 – 48 V
connectors: blue; cable: white
daisy chain
VDE + UL
Art. No.
Model
Voltage type
Color
Use for
Wire cross-section³
Approvals
264057
female connector
AC
white
power input
0.5-2.5 mm² (AWG 14-20)
VDE + UL
264058
male connector
AC
white
power output
0.5-2.5 mm² (AWG 14-20)
VDE + UL
264059
female connector
DC 24 – 48 V
blue
power input
0.5-2.5 mm² (AWG 14-20)
VDE + UL
264060
male connector
DC 24 – 48 V
blue
power output
0.5-2.5 mm² (AWG 14-20)
VDE + UL
ACCESSORIES
Connectors and cables for electrical connection are not included in the delivery of the LED 025. These parts can be ordered separately. Sets, consisting of lamp and accessories, are available on
request.
95
TECHNICAL DATASHEET


同様の部品番号 - 02540.1-03

メーカー部品番号データシート部品情報
logo
STEGO Elektrotechnik Gm...
02540.1-10 STEGO-02540.1-10 Datasheet
422Kb / 1P
ECOLINE LAMP
20.07.2022
02540.1-11 STEGO-02540.1-11 Datasheet
422Kb / 1P
ECOLINE LAMP
20.07.2022
02540.1-13 STEGO-02540.1-13 Datasheet
422Kb / 1P
ECOLINE LAMP
20.07.2022
More results

同様の説明 - 02540.1-03

メーカー部品番号データシート部品情報
logo
E-SWITCH
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
LAMP VOLTAGE: NO LAMP
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com