データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

02541.1-03 データシート(PDF) 1 Page - STEGO Elektrotechnik GmbH

部品番号 02541.1-03
部品情報  LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STEGO [STEGO Elektrotechnik GmbH]
ホームページ  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

02541.1-03 データシート(HTML) 1 Page - STEGO Elektrotechnik GmbH

  02541.1-03 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH 02541.1-03 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
94
40
32
40
32
32
32
32
52
9,75
32
52
9,75
PRODUCT CATALOGUE - STEGO
LIGHTING
TECHNICAL DATA
Power consumption
max. 4 W
Luminous flux
400 Lm at 120°
Lamp type
LED, angle of radiation 120°
light color: daylight, color temperature: 6,000 K to 7,000 K
Service life
60,000 h at +20 °C (+68 °F)
Connection
2-pole connector with snap lock
AC: max. 2.5 A / AC 240 V, color: white
DC: max. 2.5 A / DC 60 V, color: blue
Mounting
magnet fixing or screw fixing (M5), clip fixing (M6),
torque 2 Nm max.
Casing
plastic, transparent
Dimensions
see drawings
Weight
0.2 kg
Operating/Storage temperature
-40 to +60 °C (-40 to +140 °F) / -40 to +85 °C (-40 to +185 °F)
Operating/Storage humidty
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / II (double insulated), DC 12 V: IP20 / III (extra-low voltage)
Mounting options: The lamps are available with magnet fixing for easy positioning in any steel cabinet or enclosure. A classic
is the LED 025 with screw fixing. The clip holders exclusively designed for clip fixing of the LED 025 can be positioned anywhere
in the cabinet by simply screwing the holders to the cabinet wall. The lamp is snapped into the clip holders and can be turned
in both directions. With a total rotation angle of 180° it provides perfect illumination within the cabinet or enclosure.
Note: The lamp must not be used for household lighting.
The lamp series LED 025 is suitable for all types of panels and enclosures, especially where space is at
a premium. The lamps have a very long service life thanks to the use of LED technology. Three different fi-
xing options provide more flexibility for installation. The power output allows up to 10 lamps to be con-
nected to each other. Both the power input and output connectors snap lock into their sockets. With the
integrated power unit and the plugs the lamp can quickly be connected.
> Wide voltage range
> Integrated power unit
> Long-lived and maintenance-free
by LED technology
> Daisy chain
> On/off switch or movement sensor
> Magnet, screw or clip fixing
¹ approx. 5 min. fixed switch-on duration
LED 025 with
magnet or screw
fixing
Side view screw fixing
LED 025 with
clip fixing
Side view magnet fixing
LAMP
LED 025
Art. No.
Magnet fixing
Art. No.
Screw fixing
Art. No.
Clip fixing
Operating voltage
Switch
Appovals
02540.0-00
02540.0-01
02540.0-03
AC 100 – 240 V, 50/60 Hz (min. AC 90 V, max. AC 265 V)
on/off light switch
VDE
UL File No. E234324
CCC
EAC
02540.1-00
02540.1-01
02540.1-03
DC 24 – 48 V (min. DC 20 V, max. DC 60 V)
on/off light switch
VDE
UL File No. E234324
CCC
EAC
02541.0-00
02541.0-01
02541.0-03
AC 100 – 240 V, 50/60 Hz (min. AC 90 V, max. AC 265 V)
PIR movement sensor¹
VDE
UL File No. E234324
CCC
EAC
02541.1-00
02541.1-01
02541.1-03
DC 24 – 48 V (min. DC 20 V, max. DC 60 V)
PIR movement sensor¹
VDE
UL File No. E234324
CCC
EAC
LED 025 with on/off
switch and magnet
fixing
LED 025 with
on/off switch
and clip fixing
LED 025 with
movement sensor
and screw fixing
Side view clip fixing
94TECHNICAL DATASHEET


同様の部品番号 - 02541.1-03

メーカー部品番号データシート部品情報
logo
STEGO Elektrotechnik Gm...
02541.1-10 STEGO-02541.1-10 Datasheet
422Kb / 1P
ECOLINE LAMP
20.07.2022
02541.1-11 STEGO-02541.1-11 Datasheet
422Kb / 1P
ECOLINE LAMP
20.07.2022
02541.1-13 STEGO-02541.1-13 Datasheet
422Kb / 1P
ECOLINE LAMP
20.07.2022
More results

同様の説明 - 02541.1-03

メーカー部品番号データシート部品情報
logo
E-SWITCH
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com