データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PN2222A データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 PN2222A
部品情報  NPN General Purpose Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN2222A データシート(HTML) 4 Page - Fairchild Semiconductor

  PN2222A_04 Datasheet HTML 1Page - Fairchild Semiconductor PN2222A_04 Datasheet HTML 2Page - Fairchild Semiconductor PN2222A_04 Datasheet HTML 3Page - Fairchild Semiconductor PN2222A_04 Datasheet HTML 4Page - Fairchild Semiconductor PN2222A_04 Datasheet HTML 5Page - Fairchild Semiconductor PN2222A_04 Datasheet HTML 6Page - Fairchild Semiconductor PN2222A_04 Datasheet HTML 7Page - Fairchild Semiconductor PN2222A_04 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Typical Characteristics
Figure 7. Turn On and Turn Off Times
vs Collector Current
Figure 8. Switching Times vs Collector Current
Figure 9. Power Dissipation vs
Ambient Temperature
Figure 10. Common Emitter Characteristics
Figure 11. Common Emitter Characteristics
Figure 12. Common Emitter Characteristics
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t on
t off
B1
C
B2
I c
10
V
= 25 V
cc
IC
10
100
1000
0
80
160
240
320
400
I
- COLLECTOR CURRENT (mA)
I
= I
=
t r
t s
B1
C
B2
I c
10
V
= 25 V
cc
t f
t d
IC
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
TO-92
SOT-23
0
10203040
5060
0
2
4
6
8
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
T
= 25 C
A
o
hoe
h re
h fe
h ie
0
204060
80
100
0
0.4
0.8
1.2
1.6
2
2.4
T - AMBIENT TEMPERATURE ( C)
V
= 10 V
CE
A
I = 10 mA
C
hoe
hre
hfe
h ie
o
0
5
10
15
20
25
30
35
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
V
- COLLECTOR VOLTAGE (V)
CE
T
= 25 C
A
o
hoe
h re
h fe
h ie
I = 10 mA
C


同様の部品番号 - PN2222A_04

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
PN2222A MCC-PN2222A_08 Datasheet
103Kb / 4P
   600mW NPN General Purpose Amplifier
More results

同様の説明 - PN2222A_04

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com