データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M8536 データシート(PDF) 1 Page - Heyco.

部品番号 M8536
部品情報  Tite Liquid Tight Cordgrips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HEYCO [Heyco.]
ホームページ  https://www.heyco.com/
Logo HEYCO - Heyco.

M8536 データシート(HTML) 1 Page - Heyco.

  M8536 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SUGGESTED
CLEARANCE HOLE
FOR NONTHREADED
MOUNTING
D
HUB
F
B
E
A
C
PART ACCOMMODATES
CABLE DIAMETERS
SHOWN IN CHART ABOVE
INTEGRAL SEALING RING
INTEGRAL SEALING RING
“Stay Connected” with
Liquid Tight Cordgrips
®
3-9
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Quick
Specs
Heyco
®-Tite Liquid Tight Cordgrips
Right Angle, PG Hubs with Integral Sealing Ring
The Ultimate in Liquid Tight Strain Relief Protection
Patented Fold Over Design
• Cordgrip is molded in the open
position for ease of installation. After
cable insertion, the cordgrip snaps
closed, bending the cable without
damage. This assembly method
saves considerable time and money.
• Part design provides liquid tight
integrity even in the open position.
• Integral Sealing Ring ensures a superior
seal at the clearance or threaded
mounting hole location, every time.
• Widest range of approved cable
dimensions.
• IP 68 rated.
• Approved for NEMA 4, 4X, 6 and 6P
applications.
• Acme threads on body prevent
skipping and speed installation.
• All nylon construction with Buna N or
TPE sealing gland resists salt water,
weak acids, gasoline, alcohol, oil,
grease, and common solvents.
(This feature is not assessed by UL.)
• We recommend using the fitting with
the smallest maximum diameter that
will fit your application.
• Patented.
• Unassembled Nylon Locknuts
INCLUDED.
• For Heyco Liquid Tight Threaded Plugs,
see page 3-51.
• Consult Heyco for cordgrips molded
in other colors.
CABLE DIA. RANGE
PART NO.
DESCRIPTION
PART DIMENSIONS
AB
C
D
E
F
Black
or
Clearance
Right
Max O.A.
Thread
Sealing
Wrenching
Hole Dia.
Angle
Length
Length
Nut
Nut
Height
(Closed)
Length
Flat Size
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
.065 - .210
1,7 - 5,3
M8530
RLTCG 7 90
.492
12,5
.69
17,5 1.53 38,8 .32
8,1
.86
21,8 .63
16,0
.115 - .250
2,9 - 6,4
M8532
LTCG 7 90
.065 - .230
1,7 - 5,8
M8534
RLTCG 9 90
.599
15,2
.88
22,3 1.77 44,9 .32
8,1
1.07
27,1 8.2
20,8
.105 - .315
2,7 - 8,0
M8536
LTCG 9 90
.069 - .260
1,8 - 6,6
M8538
RLTCG 11 90
.733
18,6
.99
25,1 2.01 51,0 .38
9,7
1.23
31,2 .94
23,9
.230 - .400
5,8 - 10,2
M8540
LTCG 11 90
.095 - .290
2,4 - 7,4
M4542
RLTCG 13.5 90
.804
20,4
1.06 26,9 2.21 56,1 .41
10,4 1.38
35,1 .98
24,9
.170 - .450
4,3 - 11,4
M8542
LTCG 13.5 90
Standard color black.
Material
Nylon 6/6 w/Buna N or TPE Sealing Gland
Certifications
Listed under Underwriters’ Laboratories File E51579
Recognized under Components Program of Underwriters’ Laboratories
File E51579
Certified by Canadian Standard Association File 93876C
Approved for NEMA 4, 4X, 6 and 6P Applications
Flammability Rating
94V-2
Temperature Range
Static -40°F (-40°C) to 239°F (115°C)
Dynamic -4°F (-20°C) to 212°F (100°C)
IP Rating
IP 68 (70 PSI, 5 BAR)
NO O-RING
REQUIRED!


同様の部品番号 - M8536

メーカー部品番号データシート部品情報
logo
Bi technologies
M85331FAP BITECH-M85331FAP Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331FM1 BITECH-M85331FM1 Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331FM2 BITECH-M85331FM2 Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331GAP BITECH-M85331GAP Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331GM1 BITECH-M85331GM1 Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
More results

同様の説明 - M8536

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M3231 ETC-M3231 Datasheet
295Kb / 1P
   Heyco짰-Tite Liquid Tight Cordgrips
logo
Heyco.
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
   Heyco®-Tite Liquid Tight Cordgrips
logo
List of Unclassifed Man...
M5062 ETC-M5062 Datasheet
152Kb / 1P
   Heyco짰-Tite Aluminum Liquid Tight Cordgrips
logo
Heyco.
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
   Heyco®-Tite Liquid Tight Cordgrips
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
   Heyco®-Tite Liquid Tight Cordgrips
4500 HEYCO-4500 Datasheet
469Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
14830 HEYCO-14830 Datasheet
112Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
14905 HEYCO-14905 Datasheet
87Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
9760 HEYCO-9760 Datasheet
106Kb / 1P
   Heyco®-Tite Metallic Liquid Tight Cordgrips
4530 HEYCO-4530 Datasheet
393Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com