データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 130 Page - Motorola, Inc

部品番号 HCS08
部品情報  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 データシート(HTML) 130 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 126Page - Motorola, Inc HCS08 Datasheet HTML 127Page - Motorola, Inc HCS08 Datasheet HTML 128Page - Motorola, Inc HCS08 Datasheet HTML 129Page - Motorola, Inc HCS08 Datasheet HTML 130Page - Motorola, Inc HCS08 Datasheet HTML 131Page - Motorola, Inc HCS08 Datasheet HTML 132Page - Motorola, Inc HCS08 Datasheet HTML 133Page - Motorola, Inc HCS08 Datasheet HTML 134Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 290 page
background image
Parallel Input/Output
MC9S08GB/GT
130
MOTOROLA
Figure 8-1 Block Diagram Highlighting Parallel Input/Output Pins
PTD3/TPM2CH0
PTD4/TPM2CH1
PTD5/TPM2CH2
PTD6/TPM2CH3
PTC1/RxD2
PTC0/TxD2
VSS
VDD
PTE3/MISO
PTE2/SS
PTA7/KBIP7–
PTE0/TxD1
PTE1/RxD1
PTD2/TPM1CH2
PTD1/TPM1CH1
PTD0/TPM1CH0
PTC7
PTC6
PTC5
PTC4
PTC3/SCL
PTC2/SDA
8-BIT KEYBOARD
INTERRUPT MODULE (KBI)
IIC MODULE (IIC)
SERIAL PERIPHERAL
INTERFACE MODULE (SPI)
USER FLASH
USER RAM
(GB60 = 4096 BYTES)
DEBUG
MODULE (DBG)
(GB60 = 61,268 BYTES)
HCS08 CORE
CPU
BDC
NOTES:
1. Port pins are software configurable with pullup device if input port.
2. Pin contains software configurable pullup/pulldown device if IRQ enabled (IRQPE = 1).
3. IRQ does not have a clamp diode to VDD. IRQ should not be driven above VDD.
4. Pin contains integrated pullup device.
5. High current drive
6. Pins PTA[7:4] contain software configurable pullup/pulldown device. Pulldown available when KBI enabled
(KBIPn = 1).
NOTE 1
NOTE 1
3-CHANNEL TIMER/PWM
MODULE (TPM1)
PTB7/AD7–
PTE5/SPSCK
PTE4/MOSI
PTE6
PTE7
INTERFACE MODULE (SCI2)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE
REGULATOR
RTI
SERIAL COMMUNICATIONS
COP
IRQ
LVD
INTERNAL BUS
LOW-POWER OSCILLATOR
INTERNAL CLOCK
GENERATOR (ICG)
RESET
VSSAD
VDDAD
VREFH
VREFL
ANALOG-TO-DIGITAL
CONVERTER (ATD)
INTERFACE MODULE (SCI1)
SERIAL COMMUNICATIONS
5-CHANNEL TIMER/PWM
MODULE (TPM2)
PTF7–PTF0
NOTE 1
PTD7/TPM2CH4
8
PTA0/KBIP0
8
PTB0/AD0
8
PTG3
PTG2/EXTAL
PTG0/BKGD/MS
PTG1/XTAL
PTG4
PTG6
PTG7
PTG5
NOTE 4
NOTES 1, 5
(GB32 = 32,768 BYTES)
(GB32 = 2048 BYTES)
IRQ
NOTES 2, 3
10-BIT
NOTES 1, 6
NOTE 1
NOTES 1, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com