| データシートサーチシステム |
|
HCS08 データシート(PDF) 154 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 データシート(HTML) 154 Page - Motorola, Inc |
|
154 / 290 page ![]() Keyboard Interrupt (KBI) Module MC9S08GB/GT 154 MOTOROLA 9.5.2 KBI Pin Enable Register (KBIPE) Figure 9-5 KBI Pin Enable Register (KBIPE) KBIPEn — Keyboard Pin Enable for KBI Port Bit n (n = 7–0) Each of these read/write bits selects whether the associated KBI port pin is enabled as a keyboard interrupt input or functions as a general-purpose I/O pin. 1 = Bit n of KBI port enabled as a keyboard interrupt input 0 = Bit n of KBI port is a general-purpose I/O pin not associated with the KBI. Bit 7 654321 Bit 0 Read: KBIPE7 KBIPE6 KBIPE5 KBIPE4 KBIPE3 KBIPE2 KBIPE1 KBIPE0 Write: Reset: 00000000 |