データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 176 Page - Motorola, Inc

部品番号 HCS08
部品情報  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 データシート(HTML) 176 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 172Page - Motorola, Inc HCS08 Datasheet HTML 173Page - Motorola, Inc HCS08 Datasheet HTML 174Page - Motorola, Inc HCS08 Datasheet HTML 175Page - Motorola, Inc HCS08 Datasheet HTML 176Page - Motorola, Inc HCS08 Datasheet HTML 177Page - Motorola, Inc HCS08 Datasheet HTML 178Page - Motorola, Inc HCS08 Datasheet HTML 179Page - Motorola, Inc HCS08 Datasheet HTML 180Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 290 page
background image
Serial Communications Interface (SCI) Module
MC9S08GB/GT
176
MOTOROLA
If no new character is waiting in the transmit data buffer after a stop bit is shifted out the TxD pin, the
transmitter sets the transmit complete flag and enters an idle mode, with TxD high, waiting for more
characters to transmit.
Writing 0 to TE does not immediately release the pin to be a general-purpose I/O pin. Any transmit activity
that is in progress must first be completed. This includes data characters in progress, queued idle
characters, and queued break characters.
11.5.2 Send Break and Queued Idle
The SBK control bit in SCIxC2 is used to send break characters which were originally used to gain the
attention of old teletype receivers. Break characters are a full character time of logic 0 (including a 0 where
the stop bit would be normally). Normally, a program would wait for TDRE to become set to indicate the
last character of a message has moved to the transmit shifter, then write 1 and then write 0 to the SBK bit.
This action queues a break character to be sent as soon as the shifter is available. If SBK is still 1 when the
queued break moves into the shifter (synchronized to the baud rate clock), an additional break character is
queued. If the receiving device is another Motorola SCI, the break characters will be received as 0s in all
eight (or nine) data bits and a framing error (FE = 1).
When idle-line wakeup is used, a full character time of idle (logic 1) is needed between messages to wake
up any sleeping receivers. Normally, a program would wait for TDRE to become set to indicate the last
character of a message has moved to the transmit shifter, then write 0 and then write 1 to the TE bit. This
action queues an idle character to be sent as soon as the shifter is available. As long as the character in the
shifter does not finish while TE = 0, the SCI transmitter never actually releases control of the TxD pin. If
there is a possibility of the shifter finishing while TE = 0, set the general-purpose I/O controls so the pin
that is shared with TxD is an output driving a logic 1. This ensures that the TxD line will look like a normal
idle line even if the SCI loses control of the port pin between writing 0 and then 1 to TE.
11.6 Receiver Functional Description
In this section, the receiver block diagram (Figure 11-4) is used as a guide for the overall receiver
functional description. Next, the data sampling technique used to reconstruct receiver data is described in
more detail. Finally, two variations of the receiver wakeup function are explained.
11.6.1 Receiver Block Diagram
Figure 11-4 shows the receiver portion of the SCI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com