データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H-1000 データシート(PDF) 5 Page - Jonard Tools.

部品番号 H-1000
部品情報  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JONARD [Jonard Tools.]
ホームページ  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 データシート(HTML) 5 Page - Jonard Tools.

  H-1000 Datasheet HTML 1Page - Jonard Tools. H-1000 Datasheet HTML 2Page - Jonard Tools. H-1000 Datasheet HTML 3Page - Jonard Tools. H-1000 Datasheet HTML 4Page - Jonard Tools. H-1000 Datasheet HTML 5Page - Jonard Tools. H-1000 Datasheet HTML 6Page - Jonard Tools. H-1000 Datasheet HTML 7Page - Jonard Tools. H-1000 Datasheet HTML 8Page - Jonard Tools. H-1000 Datasheet HTML 9Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
PTX SERIES ELECTRIC
W I R E W R A P P I N G
& UNWRAPPING TOOLS
FSK-1
FSK-2
Catalog Number
FS-G-RG1
FS-G-RG2
FS-G-RG3
FS-G-RG4
FS-G-RG5
FS-G-RG6
FS-G-RG7
FS-G-RG8
FS-G-RG10
FS-G-RG15
Part No.
Description
Weight
Voltage
RPM
PTX-1
Electric Wrap/Unwrap Tool - 115V
2.0 lb.
115V
3700
PTX-1BF
Electric Wrap/Unwrap Tool w/Backforce - 115V
2.0 lb.
115V
3700
PTX-2
Electric Wrap/Unwrap Tool - 230V
2.2 lb.
230V
4200
PTX-2BF
Electric Wrap/Unwrap Tool w/Backforce - 230V
2.2 lb.
230V
4200
PTX-48
Electric Wrap/Unwrap Tool - 48V
2.0 lb.
48V
3700
The Patented PTX Series Wire Wrapping Tools from OK
Industries bring revolutionary new benefits to
installers, telecom technicians and other users. With
worker safety in mind, we consulted a certified
ergonomist and created an ergonomic tool, which
includes a lightweight, well-balanced construction,
dual-finger short-throw trigger, and a long handle to
mitigate pressure on the palm. These features help to
prevent repetitive stresses and result in an industry-leading
design from a comfort and safety standpoint. Ask for the
PTX Series Wire Wrapping Tools from OK Industries — and
arm your workers with the tools that offer efficiency
and worker safety in your interconnect activity.
KEY FEATURES
ACCESSORIES
ORDERING I N F O R M A T I O N A N D P R O D U C T S P E C I F I C A T I O N S
I
DFB224 Wrap/Unwrap Bit & Sleeve Set
I
DFB2426Wrap/Unwrap Bit & Sleeve Set
I
H-1000 Cordura Tool Pouch
High Power Motor
Reverses for
Unwrapping
Permanently
Attached
Collet Nut
Ergonomic,
Rugged
Tool Design
Wrap
Unwrap
Switch
I
Ergonomic Design — Minimizes Repetitive Stress
I
A 20’ Long Power cord
I
Rugged Construction
I
Wraps and Unwraps 18 to 30 AWG Wire
I
Rated Maximum Usage: 2,500 cycles/day
I
For Bits & Sleeves: see Pages 7, 10-12
H-1000
5
PATENTED
DFB224


同様の部品番号 - H-1000

メーカー部品番号データシート部品情報
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
Single Color Ultra High Brightness ?5 Type
More results

同様の説明 - H-1000

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com