データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA-14AY-120 データシート(PDF) 3 Page - TE Connectivity Ltd

部品番号 KA-14AY-120
部品情報  Panel Plug-in Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEC [TE Connectivity Ltd]
ホームページ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KA-14AY-120 データシート(HTML) 3 Page - TE Connectivity Ltd

  KA-14AY-120 Datasheet HTML 1Page - TE Connectivity Ltd KA-14AY-120 Datasheet HTML 2Page - TE Connectivity Ltd KA-14AY-120 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
11-2012, Rev. 1112
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KRPA Series Panel Plug-in Relay (Continued)
Potter & Brumfield
Product Code
Arrangement
Contact Material
Coil
Option
Part Number
KA-5AG-120
1 form C, 1 CO
AgCdO
120VAC
Open style
7-1393099-1
KA-5AY-120
Ag
7-1393099-3
KA-5DG-6
AgCdO
6VDC
7-1393099-9
KA-5DG-12
12VDC
7-1393099-7
KA-5DG-110
110VDC
7-1393099-6
KA-11AG-120
2 form C, 2 CO
120VAC
3-1393099-6
KA-11AY-6
Ag
6VAC
4-1393099-1
KA-11AY-24
24VAC
4-1393099-0
KA-11AY-120
120VAC
3-1393099-9
KA-11DG-12
AgCdO
12VDC
4-1393099-3
KA-11DG-24
24VDC
4-1393099-5
KA-11DG-110
110VDC
4-1393099-2
KA-14AG-120
3 form C, 3 CO
120VAC
5-1393099-0
KA-14AY-120
Ag
5-1393099-4
KA-14DG-24
AgCdO
24VDC
5-1393099-7
KA-14DG-110
110VDC
5-1393099-5
KRPA-5AG-24
1 form C, 1 CO
24VAC
None
9-1393104-9
KRPA-5AG-120
120VAC
9-1393104-8
KRPA-5DG-6
6VDC
1393105-5
KRPA-5DG-12
12VDC
1393105-3
KRPA-5DG-24
24VDC
1393105-4
KRPA-5DY-12
Ag
12VDC
1393105-6
KRPA-5DY-24
24VDC
1393105-7
KRPA-11AG-6
2 form C, 2 CO
AgCdO
6VAC
2-1393104-8
KRPA-11AG-12
12VAC
2-1393104-4
KRPA-11AG-24
24VAC
1-1393105-2
KRPA-11AG-120
120VAC
2-1393104-5
KRPA-11AG-240
240VAC
2-1393104-7
KRPA-11AN-12
12VAC
Indicator
3-1393104-1
KRPA-11AN-24
24VAC
3-1393104-3
KRPA-11AN-120
120VAC
3-1393104-2
KRPA-11AN-240
240VAC
3-1393104-4
KRPA-11AY-6
Ag
6VAC
None
3-1393104-9
KRPA-11AY-12
12VAC
3-1393104-5
KRPA-11AY-24
24VAC
3-1393104-7
KRPA-11AY-120
120VAC
3-1393104-6
KRPA-11AY-240
240VAC
3-1393104-8
KRPA-11DG-6
AgCdO
6VDC
4-1393104-7
KRPA-11DG-12
12VDC
4-1393104-3
KRPA-11DG-24
24VDC
4-1393104-5
KRPA-11DG-48
48VDC
4-1393104-6
KRPA-11DG-110
110VDC
4-1393104-2
KRPA-11DG-125
125VDC
4-1393104-4
KRPA-11DG-24
24VDC
4-1393104-5
KRPA-11DG-48
48VDC
4-1393104-6
KRPA-11DN-12
12VDC
Indicator
5-1393104-0
KRPA-11DN-24
24VDC
5-1393104-1
KRPA-11DN-110
110VDC
4-1393104-9
KRPA-11DY-12
Ag
12VDC
None
5-1393104-6
KRPA-11DY-24
24VDC
5-1393104-7
KRPA-14AG-12
3 form C, 3 CO
AgCdO
12VAC
6-1393104-4
KRPA-14AG-24
24VAC
6-1393104-7
KRPA-14AG-120
120VAC
6-1393104-5
KRPA-14AG-240
240VAC
6-1393104-8
KRPA-14AN-24
24VAC
Indicator
7-1393104-4
KRPA-14AN-120
120VAC
7-1393104-3
KRPA-14AN-240
240VAC
7-1393104-5
KRPA-14AY-24
Ag
24VAC
None
7-1393104-8
KRPA-14AY-120
120VAC
7-1393104-7
KRPA-14AY-240
240VAC
7-1393104-9
KRPA-14DG-12
AgCdO
12VDC
8-1393104-2
KRPA-14DG-24
24VDC
8-1393104-4
KRPA-14DG-48
48VDC
8-1393104-5
KRPA-14DG-110
110VDC
8-1393104-1
KRPA-14DG-125
125VDC
8-1393104-3
KRPA-14DN-24
24VDC
Indicator
9-1393104-0
KRPA-14DY-24
Ag
None
9-1393104-3


同様の部品番号 - KA-14AY-120

メーカー部品番号データシート部品情報
logo
Tyco Electronics
KA-14AY-120 MACOM-KA-14AY-120 Datasheet
406Kb / 4P
   KRPA Series Panel Plug-in Relay
KA-14AY-120 MACOM-KA-14AY-120 Datasheet
142Kb / 5P
   5 to 10 AmpGeneral Purpose Relay
More results

同様の説明 - KA-14AY-120

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1393122-9 MACOM-2-1393122-9 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-9 MACOM-2-1393123-9 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393767-0 MACOM-2-1393767-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1419106-5 MACOM-2-1419106-5 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1393118-1 MACOM-2-1393118-1 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1419106-6 MACOM-2-1419106-6 Datasheet
314Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393122-6 MACOM-2-1393122-6 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-5 MACOM-2-1393123-5 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393123-6 MACOM-2-1393123-6 Datasheet
530Kb / 3P
   KHA Series Panel Plug-in Relay
2-1393117-9 MACOM-2-1393117-9 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
2-1393118-4 MACOM-2-1393118-4 Datasheet
1Mb / 5P
   KUP Series Panel Plug-in Relay
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com