データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1A1 データシート(PDF) 3 Page - Won-Top Electronics

部品番号 1A1
部品情報  1.0A STANDARD DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

1A1 データシート(HTML) 3 Page - Won-Top Electronics

  1A1_06 Datasheet HTML 1Page - Won-Top Electronics 1A1_06 Datasheet HTML 2Page - Won-Top Electronics 1A1_06 Datasheet HTML 3Page - Won-Top Electronics 1A1_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1A1 – 1A7
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
5,000
370 x 370 x 420
25,000
9.0
TAPE & BOX
255 x 75 x 150
5,000
400 x 273 x 415
50,000
20.0
BULK
198 x 84 x 20
1,000
459 x 214 x 256
50,000
18.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
1Ax
= Device Number
x
= 1, 2, 3, 4, 5, 6 or 7
1Ax
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
198mm
84mm
20mm


同様の部品番号 - 1A1_06

メーカー部品番号データシート部品情報
logo
Anaren Microwave
1A1305-3 ANAREN-1A1305-3 Datasheet
336Kb / 2P
Surface Mountable
1A1307-10 ANAREN-1A1307-10 Datasheet
221Kb / 2P
Directional Couplers 10 dB
logo
List of Unclassifed Man...
1A1907 ETC1-1A1907 Datasheet
102Kb / 4P
Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A1907 COOPER-1A1907 Datasheet
430Kb / 4P
PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1A1907 EATON-1A1907 Datasheet
480Kb / 4P
PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results

同様の説明 - 1A1_06

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
1N4001 WTE-1N4001_06 Datasheet
61Kb / 4P
1.0A STANDARD DIODE
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED STANDARD DIODE
BY133 WTE-BY133_06 Datasheet
59Kb / 4P
1.0A HIGH VOLTAGE STANDARD DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
S1A WTE-S1A_06 Datasheet
47Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
SF11 WTE-SF11_06 Datasheet
51Kb / 4P
1.0A SUPERFAST DIODE
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
1.0A ULTRAFAST DIODE
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
1.0A Standard Rectifier
logo
Zibo Seno Electronic En...
1A1 ZSELEC-1A1 Datasheet
113Kb / 2P
1.0A STANDARD DIODE
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
1.0A Standard Recovery Rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com