データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25450-7 データシート(PDF) 2 Page - Alpha Wire

部品番号 25450-7
部品情報  14 (41/30) AWG Tinned Copper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHAWIRE [Alpha Wire]
ホームページ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25450-7 データシート(HTML) 2 Page - Alpha Wire

  25450-7 Datasheet HTML 1Page - Alpha Wire 25450-7 Datasheet HTML 2Page - Alpha Wire 25450-7 Datasheet HTML 3Page - Alpha Wire 25450-7 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) UL
 
 
a) Component 1
AWM/STYLE 1015
105°C / 600 VRMS
b) Overall
AWM/STYLE 20669
90°C / 600 VRMS
 
VW-1
 
2) CSA International
 
 
a) Component 1
TEW
105°C / 600 VRMS
b) Overall
C(RU) AWM I/II A/B
90°C / 600 VRMS
 
FT1
 
3) CE:
EU Low Voltage Directive 2014/35/EU
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) California Proposition 65:
This product may contain substances known to the State of
California to cause Cancer or Reproductive Harm, but is exempt
from labeling based on the Consent Judgement. See the Alpha
Wire website for more information.
Properties
Physical & Mechanical Properties
1) Temperature Range
-30 to 90°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
258 Lbs, Maximum
4) Sunlight Resistance
Yes
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
600 VRMS
2) Capacitance
40 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Ground Capacitance
72 pF/ft @1 kHz, Nominal
4) Inductance
0.19 μH/ft, Nominal
5) Conductor DCR
2.8 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
2.47 Ω/1000ft @20°C, Nominal
Other


同様の部品番号 - 25450-7

メーカー部品番号データシート部品情報
logo
Alpha Wire
25450-12 ALPHAWIRE-25450-12 Datasheet
395Kb / 4P
14 (41/30) AWG Tinned Copper
25450-15 ALPHAWIRE-25450-15 Datasheet
395Kb / 4P
14 (41/30) AWG Tinned Copper
25450-4 ALPHAWIRE-25450-4 Datasheet
394Kb / 4P
14 (41/30) AWG Tinned Copper
More results

同様の説明 - 25450-7

メーカー部品番号データシート部品情報
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
logo
List of Unclassifed Man...
1682714 ETC2-1682714 Datasheet
104Kb / 3P
14 AWG stranded (41x30) tinned copper conductor, PPO insulation
8916 ETC2-8916 Datasheet
99Kb / 2P
14 AWG stranded (41x30) tinned copper conductor, PVC insulation
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com