データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25450-7 データシート(PDF) 1 Page - Alpha Wire

部品番号 25450-7
部品情報  14 (41/30) AWG Tinned Copper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHAWIRE [Alpha Wire]
ホームページ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25450-7 データシート(HTML) 1 Page - Alpha Wire

  25450-7 Datasheet HTML 1Page - Alpha Wire 25450-7 Datasheet HTML 2Page - Alpha Wire 25450-7 Datasheet HTML 3Page - Alpha Wire 25450-7 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 25450/7
Construction
 
Diameters (In)
1) Component 1
7 X 1 COND
 
a) Conductor
14 (41/30) AWG Tinned Copper
0.070
b) Insulation
0.032" Wall, Nom. PVC
0.134
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
4
ORANGE
7
BLUE
2
BROWN
5
YELLOW
 
3
RED
6
GREEN
 
2) Cable Assembly
7 Components Cabled
 
a) Twists:
2.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
14 (41/30) AWG Tinned Copper
 
4) Jacket
0.063" Wall, Nom.,Polyurethane (TPU)
0.539 (0.562 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 25450/7
XTRAGUARD(R) 2 RU AWM 20669 VW-1 OR CRU
AWM I/II A/B 90C 600 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


同様の部品番号 - 25450-7

メーカー部品番号データシート部品情報
logo
Alpha Wire
25450-12 ALPHAWIRE-25450-12 Datasheet
395Kb / 4P
14 (41/30) AWG Tinned Copper
25450-15 ALPHAWIRE-25450-15 Datasheet
395Kb / 4P
14 (41/30) AWG Tinned Copper
25450-4 ALPHAWIRE-25450-4 Datasheet
394Kb / 4P
14 (41/30) AWG Tinned Copper
More results

同様の説明 - 25450-7

メーカー部品番号データシート部品情報
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
logo
List of Unclassifed Man...
1682714 ETC2-1682714 Datasheet
104Kb / 3P
14 AWG stranded (41x30) tinned copper conductor, PPO insulation
8916 ETC2-8916 Datasheet
99Kb / 2P
14 AWG stranded (41x30) tinned copper conductor, PVC insulation
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com