データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1596T データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA1596T
部品情報  IF amplifier/demodulator for FM radio receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1596T データシート(HTML) 2 Page - NXP Semiconductors

  TDA1596T Datasheet HTML 1Page - NXP Semiconductors TDA1596T Datasheet HTML 2Page - NXP Semiconductors TDA1596T Datasheet HTML 3Page - NXP Semiconductors TDA1596T Datasheet HTML 4Page - NXP Semiconductors TDA1596T Datasheet HTML 5Page - NXP Semiconductors TDA1596T Datasheet HTML 6Page - NXP Semiconductors TDA1596T Datasheet HTML 7Page - NXP Semiconductors TDA1596T Datasheet HTML 8Page - NXP Semiconductors TDA1596T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
April 1991
2
Philips Semiconductors
Product specification
IF amplifier/demodulator for
FM radio receivers
TDA1596
GENERAL DESCRIPTION
The TDA1596 provides IF amplification, symmetrical quadrature demodulation and level detection for quality home and
car FM radio receivers and is suitable for both mono and stereo reception. It may also be applied to common front-ends,
stereo decoders and AM receiver circuits.
Features
• Simulates behaviour of a ratio detector (internal field strength and detuning-dependent voltage for dynamic AF signal
muting)
• Mono/stereo blend and field strength indication control voltage
• Three-state mode switch for FM, mute-on / FM, mute-off / FM-off
• Internal compensation of AF signal total harmonic distortion (THD)
• Two open collector stop pulse outputs for microcomputer tuning control (can be one stop pulse output by
wired-ANDing)
• Internal reference voltage source
• Built-in hum and ripple rejection circuits
QUICK REFERENCE DATA
SEE ALSO DATA SHEET FOR TDA1596T
PACKAGE OUTLINE
18-lead DIL; plastic (SOT102); SOT102-1; 1996 August 06.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 1)
VP
7.5
8.5
12.0
V
Supply current (pin 1)
VP = 8.5 V;
I2 = I7 = 0 mA
IP
20
26
mA
AF output voltage
(RMS value)
V18(rms) = 10 mV
V4(rms)
180
200
220
mV
Signal-to-noise ratio
V18(rms) = 10 mV;
fm = 400 Hz;
∆f = 75 kHz
S/N
82
dB
Total harmonic distortion
V18(rms) = 10 mV;
fm = 1 kHz; I7 = 0 mA;
∆f = 75 kHz; FM mute on;
without de-emphasis;
without detuning
THD
0.1
0.3
%
Operating ambient
temperature range
Tamb
−40
−+ 85
°C


同様の部品番号 - TDA1596T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

同様の説明 - TDA1596T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com