データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA2549 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA2549
部品情報  I.F. amplifier and demodulator for multistandard TV receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2549 データシート(HTML) 5 Page - NXP Semiconductors

  TDA2549 Datasheet HTML 1Page - NXP Semiconductors TDA2549 Datasheet HTML 2Page - NXP Semiconductors TDA2549 Datasheet HTML 3Page - NXP Semiconductors TDA2549 Datasheet HTML 4Page - NXP Semiconductors TDA2549 Datasheet HTML 5Page - NXP Semiconductors TDA2549 Datasheet HTML 6Page - NXP Semiconductors TDA2549 Datasheet HTML 7Page - NXP Semiconductors TDA2549 Datasheet HTML 8Page - NXP Semiconductors TDA2549 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
April 1985
5
Philips Semiconductors
Product specification
I.F. amplifier and demodulator for
multistandard TV receivers
TDA2549
Notes to the characteristics
1.
2. Measured in application of Fig. 5.
A.F.C. output voltage swing
V15-3
10
−−
V
Change of frequency required for a.f.c.
output voltage swing of 10 V
∆f
70
200
kHz
A.F.C. switch off for a voltage lower than:
V17-3
−−
1,5
V
A.F.C. inverter switch
positive a.f.c. (Fig.2)
V16-3
0
1,5
V
negative a.f.c. (Fig.3)
V16-3
4
12
V
Tuner A.G.C.
Leakage current
I10
−−
15
µA
Saturation voltage
I10 = 0,3 mA
V10-3
0,1
0,3
V
take-over point LOW
Vi
−−
3mV
take-over point HIGH
Vi
10
−−
mV
Signal expansion at Gv = 50 dB
∆V22-3
−−
0,5
dB
Negative modulation (Fig.4)
white spot inverter threshold level
V22-3
4,6
V
white spot insertion level
V22-3
3,2
V
noise inverter threshold level
V22-3
0,9
V
noise insertion level
V22-3
2,5
V
Positive modulation a.g.c. detector
reference level
V11-3
3,0
3,2
3,4
V
Auxiliary video input signal for Vo(p-p) =2 V
V12-3
0,7
1
1,4
V
Auxiliary video output
output signal (note 2)
V14-3
1
V
top sync level
V14-3
123V
output impedance
|Z14-3|
7
−Ω
Levels for video switches
positive video
V2-3
−−
1V
negative video
V2-3
3
−−
V
internally demodulated signal
V23-3
−−
1V
auxiliary video signal
V23-3
3
−−
V
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Signal
to
noise ratio S/N
V
o black-to-white
V
n rms
() at B
5 MHz
=
-----------------------------------------------------------
=


同様の部品番号 - TDA2549

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2541 STMICROELECTRONICS-TDA2541 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
   IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
   Quasi-split-sound circuit
February 1985
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
   Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
More results

同様の説明 - TDA2549

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
   MULTISTANDARD TV SOUND DEMODULATOR
logo
NXP Semiconductors
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4439 TEMIC-TDA4439 Datasheet
105Kb / 7P
   Video IF Amplifier for Multistandard TV and VTR
logo
NXP Semiconductors
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
   TV IF amplifier and demodulator with TV-identification
January 1992
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com