データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA2549 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA2549
部品情報  I.F. amplifier and demodulator for multistandard TV receivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2549 データシート(HTML) 2 Page - NXP Semiconductors

  TDA2549 Datasheet HTML 1Page - NXP Semiconductors TDA2549 Datasheet HTML 2Page - NXP Semiconductors TDA2549 Datasheet HTML 3Page - NXP Semiconductors TDA2549 Datasheet HTML 4Page - NXP Semiconductors TDA2549 Datasheet HTML 5Page - NXP Semiconductors TDA2549 Datasheet HTML 6Page - NXP Semiconductors TDA2549 Datasheet HTML 7Page - NXP Semiconductors TDA2549 Datasheet HTML 8Page - NXP Semiconductors TDA2549 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
April 1985
2
Philips Semiconductors
Product specification
I.F. amplifier and demodulator for
multistandard TV receivers
TDA2549
GENERAL DESCRIPTION
The TDA2549 is a complete i.f. circuit with a.f.c., a.g.c., demodulation and video preamplification facilities for
multistandard television receivers. It is capable of handling positively and negatively modulated video signals in both
colour and black/white receivers.
Features
• Gain-controlled wide-band amplifier providing complete i.f. gain
• Synchronous demodulator for positive and negative modulation
• Video preamplifier with noise protection for negative modulation
• Auxiliary video input and output (75 Ω)
• Video switch to select between auxiliary video input signal and demodulated video signal
• A.F.C. circuit with on/off switch and inverter switch
• A.G.C. circuit for positive modulation (mean level) and negative modulation (noise gate)
• A.G.C. output for controlling MOSFET tuners
QUICK REFERENCE DATA
PACKAGE OUTLINE
24-lead DIL; plastic (SOT101A); SOT101-1; 1996 November 19.
Supply voltage (pins 13 and 21)
VP =V13;21-3
typ.
12
V
Supply current (pins 13 and 21)
IP =I13;21-3
typ.
82
mA
I.F. input signal at Vo =2 V
(between pins 6 and 7)
Vi =V6-7
typ.
50
µV
Video output voltage at Vi =0 V
(between pins 22 and 3)
positive modulation
Vo =V22-3
typ.
2
V
negative modulation
Vo =V22-3
typ.
4
V
Gain control range
Gv
typ.
74
dB
Signal-to-noise ratio at Vi = 10 mV
S/N
typ.
57
dB
A.F.C. output voltage swing (pin 15)
V15-3
min.
10
V
Max. tuner a.g.c. output current
(pin 10)
I10
min.
0,3
mA
Video bandwidth (3 dB)
B
typ.
5,5
MHz
Auxiliary video input voltage (pin 12)
at Vo = 2 V (peak-to-peak value)
V12-3(p-p)
typ.
1
V
Auxiliary video output impedance
(pin 14)
|Z14-3|
typ.
7
Auxiliary video output voltage
(pin 14)
V14-3
typ.
2
V


同様の部品番号 - TDA2549

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2541 STMICROELECTRONICS-TDA2541 Datasheet
91Kb / 7P
IF AMPLIFIER WITH DEMODULATOR AND AFC
TDA2542 STMICROELECTRONICS-TDA2542 Datasheet
161Kb / 5P
IF AMPLIFIER WITH DEMODULATOR AND AFC FOR POSITIVE MODULATION STANDARD
logo
NXP Semiconductors
TDA2545A PHILIPS-TDA2545A Datasheet
75Kb / 8P
Quasi-split-sound circuit
February 1985
TDA2546A PHILIPS-TDA2546A Datasheet
87Kb / 10P
Quasi-split-sound circuit with 5,5 MHz demodulation
February 1985
More results

同様の説明 - TDA2549

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
Sound I.F. amplifier/demodulator for TV
March 1986
TDA3853T PHILIPS-TDA3853T Datasheet
152Kb / 18P
TV IF amplifier and demodulator with TV-identification
January 1992
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
Multistandard IF amplifier and demodulator
February 1991
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
MULTISTANDARD TV SOUND DEMODULATOR
logo
TEMIC Semiconductors
TDA4439 TEMIC-TDA4439 Datasheet
105Kb / 7P
Video IF Amplifier for Multistandard TV and VTR
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
Multistandard VIF Amplifier and PLL Demodulator
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
Multistandard TV Audio Processor and Digital Sound Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com