| データシートサーチシステム |
|
PIC18F44J10-E/SP データシート(PDF) 206 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/SP データシート(HTML) 206 Page - Microchip Technology |
|
206 / 358 page ![]() PIC18F45J10 FAMILY DS39682C-page 204 Preliminary © 2007 Microchip Technology Inc. FIGURE 16-12: SYNCHRONOUS TRANSMISSION (THROUGH TXEN) TABLE 16-7: REGISTERS ASSOCIATED WITH SYNCHRONOUS MASTER TRANSMISSION RC7/RX/DT pin RC6/TX/CK pin Write to TXREG reg TXIF bit TRMT bit bit 0 bit 1 bit 2 bit 6 bit 7 TXEN bit Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 43 PIR1 PSPIF(1) ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF TMR1IF 45 PIE1 PSPIE(1) ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 45 IPR1 PSPIP(1) ADIP RCIP TXIP SSP1IP CCP1IP TMR2IP TMR1IP 45 RCSTA SPEN RX9 SREN CREN ADDEN FERR OERR RX9D 45 TXREG EUSART Transmit Register 45 TXSTA CSRC TX9 TXEN SYNC SENDB BRGH TRMT TX9D 45 BAUDCON ABDOVF RCIDL —SCKP BRG16 — WUE ABDEN 45 SPBRGH EUSART Baud Rate Generator Register High Byte 45 SPBRG EUSART Baud Rate Generator Register Low Byte 45 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for synchronous master transmission. Note 1: These bits are not implemented on 28-pin devices and should be read as ‘0’. |