| データシートサーチシステム |
|
PIC18F4685-I/SP データシート(PDF) 196 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4685-I/SP データシート(HTML) 196 Page - Microchip Technology |
|
196 / 484 page ![]() PIC18F2682/2685/4682/4685 DS39761B-page 194 Preliminary © 2007 Microchip Technology Inc. FIGURE 17-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 17-6: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Optional Next Q4 Cycle after Q2 ↓ bit 0 SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Not Optional Next Q4 Cycle after Q2 ↓ |