データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSC-FCW100 データシート(PDF) 2 Page - Seoul Semiconductor

部品番号 SSC-FCW100
部品情報  TOP LED DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-FCW100 データシート(HTML) 2 Page - Seoul Semiconductor

  SSC-FCW100 Datasheet HTML 1Page - Seoul Semiconductor SSC-FCW100 Datasheet HTML 2Page - Seoul Semiconductor SSC-FCW100 Datasheet HTML 3Page - Seoul Semiconductor SSC-FCW100 Datasheet HTML 4Page - Seoul Semiconductor SSC-FCW100 Datasheet HTML 5Page - Seoul Semiconductor SSC-FCW100 Datasheet HTML 6Page - Seoul Semiconductor SSC-FCW100 Datasheet HTML 7Page - Seoul Semiconductor SSC-FCW100 Datasheet HTML 8Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1. Features
White colored SMT package
Suitable for all SMT assembly methods ; Suitable for all soldering methods
2. Absolute Maximum Ratings*1
(Ta=25℃)
Parameter
Symbol
Value
Unit
Power Dissipation
Pd
560
Forward Current
IF
175
Peak Forward Current
IFM
*2
900
Reverse Voltage
VR
5
V
LED Junction Temperature
Tj
125
ºC
Operating Temperature
Topr
-30 ~ 85
Storage Temperature
Tstg
-40 ~ 100
*1 Care is to be taken that Power Dissipation does not exceed the Absolute Maximum Rating of the product.
*2 IFM conditions is Pulse width Tw≤ 0.1ms, Duty ratio≤ 1/10
3. Electro-Optical Characteristics
(Ta=25℃)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
IF = 175 mA
2.7
3.0
3.7
Forward Voltage
VF
IF = 320 mA
3.2
V
Reverse Current
IR
VR = 5V
-
-
30
µA
IF = 175 mA
4
5
Luminous Intensity*1
IV
IF = 320 mA
(Flash mode*2)
6.5
cd
Luminous Flux*3
Φ V
IF = 175 mA
16
25
lm
IF = 175 mA
-
5.3
7
Illumination*4
lx
IF = 320 mA
(Flash mode*2)
-
8.7
lux
Viewing Angle *5
2
θ 1/2
IF = 175 mA
-
130
-
deg.
X
IF = 175 mA
-
0.31
-
-
Chromaticity Coordinates
Y
IF = 175 mA
-
0.31
-
-
*1. The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package.
Luminous Intensity Measurement allowance is
± 10%.
*2. Flash mode conditions is Pulse width Tw = 1sec, Duty ratio = 2/7
*3. Luminous Flux Measurement allowance is
± 10%.
*4. This luminous intensity (Lux) is measured at a distance of 1m with condition Ta=25℃ and it has 10% tolerance.
*5.
θ 1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
Note : All measurements were made under the standardized environment of SSC.
( Tolerance : Color Coordinate ±0.005, VF ±0.1 )
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 2/8 -
FCW100
SSC-QP-0401-06(REV.0)


同様の部品番号 - SSC-FCW100

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SSC-FCW211Z SEOUL-SSC-FCW211Z Datasheet
510Kb / 7P
FLASH LED DEVICE
SSC-FCW302 SEOUL-SSC-FCW302 Datasheet
572Kb / 9P
Applications : Mobile Handset Flash Light
More results

同様の説明 - SSC-FCW100

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SSC-HBMGFRT821 SEOUL-SSC-HBMGFRT821 Datasheet
518Kb / 12P
TOP LED DEVICE
SSC-KWT821 SEOUL-SSC-KWT821 Datasheet
728Kb / 11P
TOP LED DEVICE
SSC-UYGT801 SEOUL-SSC-UYGT801 Datasheet
343Kb / 8P
TOP LED DEVICE
SSC-YGT801 SEOUL-SSC-YGT801 Datasheet
345Kb / 8P
TOP LED DEVICE
SSC-AWT722 SEOUL-SSC-AWT722 Datasheet
552Kb / 12P
TOP LED DEVICE
SSC-MWT801 SEOUL-SSC-MWT801 Datasheet
628Kb / 11P
TOP LED DEVICE
SSC-USBT801 SEOUL-SSC-USBT801 Datasheet
534Kb / 12P
TOP LED DEVICE
SSC-YGURHT811 SEOUL-SSC-YGURHT811 Datasheet
338Kb / 7P
TOP LED DEVICE
SSC-MGT722 SEOUL-SSC-MGT722 Datasheet
557Kb / 11P
TOP LED DEVICE
SSC-UBYGFRT821 SEOUL-SSC-UBYGFRT821 Datasheet
392Kb / 8P
TOP LED DEVICE
SSC-MBT722 SEOUL-SSC-MBT722 Datasheet
513Kb / 11P
TOP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com