| データシートサーチシステム |
|
PIC16F-E/P データシート(PDF) 169 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F-E/P データシート(HTML) 169 Page - Microchip Technology |
|
169 / 178 page ![]() © 2007 Microchip Technology Inc. DS40044F-page 167 PIC16F627A/628A/648A APPENDIX A: DATA SHEET REVISION HISTORY Revision A This is a new data sheet. Revision B Revised 28-Pin QFN Pin Diagram Revised Figure 5-4 Block Diagram Revised Register 7-1 TMR1ON Revised Example 13-4 Data EEPROM Refresh Routine Revised Instruction Set SUBWF, Example 1 Revised DC Characteristics 17-2 and 17-3 Revised Tables 17-4 and 17-6 Corrected Table and Figure numbering in Section 17.0 Revision C General revisions throughout. Revisions to Section 14.0 – Special Features of the CPU. Section 18, modified graphs. Revision D Revise Example 13-2, Data EEPROM Write Revise Sections 17.2, Param No. D020 and 17.3, Param No. D020E Revise Section 18.0 graphs Revision E Section 19.0 Packaging Information: Replaced package drawings and added note. Revision F (03/2007) Replaced Package Drawings (Rev. AM); Replaced Development Support Section; Revised Product ID System. APPENDIX B: DEVICE DIFFERENCES The differences between the PIC16F627A/628A/648A devices listed in this data sheet are shown in Table B-1. TABLE B-1: DEVICE DIFFERENCES Device Memory Flash Program RAM Data EEPROM Data PIC16F627A 1024 x 14 224 x 8 128 x 8 PIC16F628A 2048 x 14 224 x 8 128 x 8 PIC16F648A 4096 x 14 256 x 8 256 x 8 |