| データシートサーチシステム |
|
PIC16F946-E/MLQTP データシート(PDF) 174 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F946-E/MLQTP データシート(HTML) 174 Page - Microchip Technology |
|
174 / 330 page ![]() PIC16F913/914/916/917/946 DS41250F-page 172 © 2007 Microchip Technology Inc. 11.1 PLVD Operation To setup the PLVD for operation, the following steps must be taken: • Enable the module by setting the LVDEN bit of the LVDCON register. • Configure the trip point by setting the LVDL<2:0> bits of the LVDCON register. • Wait for the reference voltage to become stable. Refer to Section 11.4 “Stable Reference Indication”. • Clear the LVDIF bit of the PIR2 register. The LVDIF bit will be set when VDD falls below the PLVD trip point. The LVDIF bit remains set until cleared by software. Refer to Figure 11-2. 11.2 Programmable Trip Point The PLVD trip point is selectable from one of eight voltage levels. The LVDL bits of the LVDCON register select the trip point. Refer to Register 11-1 for the available PLVD trip points. 11.3 Interrupt on Falling VDD When VDD falls below the PLVD trip point, the falling edge detector will set the LVDIF bit. See Figure 11-2. An interrupt will be generated if the following bits are also set: • GIE and PEIE bits of the INTCON register • LVDIE bit of the PIE2 register The LVDIF bit must be cleared by software. An interrupt can be generated from a simulated PLVD event when the LVDIF bit is set by software. 11.4 Stable Reference Indication When the PLVD module is enabled, the reference volt- age must be allowed to stabilize before the PLVD will provide a valid result. Refer to Section 19.0 “Electri- cal Specifications”, Table 19-13, for the stabilization time. When the HFINTOSC is running, the IRVST bit of the LVDCON register indicates the stability of the voltage reference. The voltage reference is stable when the IRVST bit is set. 11.5 Operation During Sleep To wake from Sleep, set the LVDIE bit of the PIE2 register and the PEIE bit of the INTCON register. When the LVDIE and PEIE bits are set, the device will wake from Sleep and execute the next instruction. If the GIE bit is also set, the program will call the Interrupt Service Routine upon completion of the first instruction after waking from Sleep. |