データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F-E/SS データシート(PDF) 163 Page - Microchip Technology

部品番号 PIC16F-E/SS
部品情報  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/SS データシート(HTML) 163 Page - Microchip Technology

Back Button PIC16F-E/SS Datasheet HTML 159Page - Microchip Technology PIC16F-E/SS Datasheet HTML 160Page - Microchip Technology PIC16F-E/SS Datasheet HTML 161Page - Microchip Technology PIC16F-E/SS Datasheet HTML 162Page - Microchip Technology PIC16F-E/SS Datasheet HTML 163Page - Microchip Technology PIC16F-E/SS Datasheet HTML 164Page - Microchip Technology PIC16F-E/SS Datasheet HTML 165Page - Microchip Technology PIC16F-E/SS Datasheet HTML 166Page - Microchip Technology PIC16F-E/SS Datasheet HTML 167Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 161
PIC16F627A/628A/648A
19.0
PACKAGING INFORMATION
19.1
Package Marking Information
18-Lead PDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F627A
0410017
18-Lead SOIC (.300”)
XXXXXXXXXXXX
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC16F628A
-E/SO
0410017
20-Lead SSOP
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
Example
PIC16F648A
-I/SS
0410017
28-Lead QFN
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
16F628A
-I/ML
0410017
3
e
3
e
3
e
3
e
-I/P
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More