| データシートサーチシステム |
|
PIC12F609-E/STQTP データシート(PDF) 138 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F609-E/STQTP データシート(HTML) 138 Page - Microchip Technology |
|
138 / 168 page ![]() PIC12F609/615/12HV609/615 DS41302A-page 136 Preliminary © 2006 Microchip Technology Inc. 15.7 Timing Parameter Symbology The timing parameter symbols have been created with one of the following formats: FIGURE 15-3: LOAD CONDITIONS 1. TppS2ppS 2. TppS T F Frequency T Time Lowercase letters (pp) and their meanings: pp cc CCP1 osc OSC1 ck CLKOUT rd RD cs CS rw RD or WR di SDI sc SCK do SDO ss SS dt Data in t0 T0CKI io I/O Port t1 T1CKI mc MCLR wr WR Uppercase letters and their meanings: S FFall P Period HHigh R Rise I Invalid (High-impedance) V Valid L Low Z High-impedance VSS CL Legend: CL = 50 pF for all pins 15 pF for OSC2 output Load Condition Pin |