| データシートサーチシステム |
|
DSPIC30F2011A20E/ML データシート(PDF) 159 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2011A20E/ML データシート(HTML) 159 Page - Microchip Technology |
|
159 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 157 dsPIC30F2011/2012/3012/3013 TABLE 20-15: PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.5 TO 5.5 V) AC CHARACTERISTICS Standard Operating Conditions: 2.5V to 5.5V (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +85°C for Industrial -40°C ≤ TA ≤ +125°C for Extended Param No. Symbol Characteristic(1) Min Typ(2) Max Units Conditions OS50 FPLLI PLL Input Frequency Range(2) 4 4 4 4 4 4 5(3) 5(3) 5(3) 4 4 4 — — — — — — — — — — — — 10 10 7.5(4) 10 10 7.5(4) 10 10 7.5(4) 8.33(3) 8.33(3) 7.5(4) MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz MHz EC with 4x PLL EC with 8x PLL EC with 16x PLL XT with 4x PLL XT with 8x PLL XT with 16x PLL HS/2 with 4x PLL HS/2 with 8x PLL HS/2 with 16x PLL HS/3 with 4x PLL HS/3 with 8x PLL HS/3 with 16x PLL OS51 FSYS On-Chip PLL Output(2) 16 — 120 MHz EC, XT, HS/2, HS/3 modes with PLL OS52 TLOC PLL Start-up Time (Lock Time) — 20 50 μs Note 1: These parameters are characterized but not tested in manufacturing. 2: Data in “Typ” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only and are not tested. 3: Limited by oscillator frequency range. 4: Limited by device operating frequency range. TABLE 20-16: PLL JITTER AC CHARACTERISTICS Standard Operating Conditions: 2.5V to 5.5V (unless otherwise stated) Operating temperature -40°C ≤ TA ≤ +85°C for Industrial -40°C ≤ TA ≤ +125°C for Extended Param No. Characteristic Min Typ(1) Max Units Conditions OS61 x4 PLL — 0.251 0.413 % -40°C ≤ TA ≤ +85°C VDD = 3.0 to 3.6V — 0.251 0.413 % -40°C ≤ TA ≤ +125°C VDD = 3.0 to 3.6V — 0.256 0.47 % -40°C ≤ TA ≤ +85°C VDD = 4.5 to 5.5V — 0.256 0.47 % -40°C ≤ TA ≤ +125°C VDD = 4.5 to 5.5V x8 PLL — 0.355 0.584 % -40°C ≤ TA ≤ +85°C VDD = 3.0 to 3.6V — 0.355 0.584 % -40°C ≤ TA ≤ +125°C VDD = 3.0 to 3.6V — 0.362 0.664 % -40°C ≤ TA ≤ +85°C VDD = 4.5 to 5.5V — 0.362 0.664 % -40°C ≤ TA ≤ +125°C VDD = 4.5 to 5.5V x16 PLL — 0.67 0.92 % -40°C ≤ TA ≤ +85°C VDD = 3.0 to 3.6V — 0.632 0.956 % -40°C ≤ TA ≤ +85°C VDD = 4.5 to 5.5V — 0.632 0.956 % -40°C ≤ TA ≤ +125°C VDD = 4.5 to 5.5V Note 1: These parameters are characterized but not tested in manufacturing. |