| データシートサーチシステム |
|
PIC16F685-E/ML データシート(PDF) 184 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/ML データシート(HTML) 184 Page - Microchip Technology |
|
184 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 182 © 2007 Microchip Technology Inc. FIGURE 13-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 13-6: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Optional Next Q4 Cycle after Q2 ↓ SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Not Optional Next Q4 Cycle after Q2 ↓ |