| データシートサーチシステム |
|
PIC16F883-E/SS データシート(PDF) 152 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/SS データシート(HTML) 152 Page - Microchip Technology |
|
152 / 288 page ![]() PIC16F822/883/884/886/887 DS41291D-page 150 Preliminary © 2007 Microchip Technology Inc. FIGURE 12-2: EUSART RECEIVE BLOCK DIAGRAM The operation of the EUSART module is controlled through three registers: • Transmit Status and Control (TXSTA) • Receive Status and Control (RCSTA) • Baud Rate Control (BAUDCTL) These registers are detailed in Register 12-1, Register 12-2 and Register 12-3, respectively. RX/DT pin Pin Buffer and Control SPEN Data Recovery CREN OERR FERR RSR Register MSb LSb RX9D RCREG Register FIFO Interrupt RCIF RCIE Data Bus 8 Stop Start (8) 7 1 0 RX9 • • • SPBRG SPBRGH BRG16 RCIDL FOSC ÷ n n + 1 Multiplier x4 x16 x64 SYNC 1X00 0 BRGH X110 0 BRG16 X101 0 Baud Rate Generator |