データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M54580P データシート(PDF) 1 Page - Mitsubishi Electric Semiconductor

部品番号 M54580P
部品情報  7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54580P データシート(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54580P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54580P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54580P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54580P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug. 1999
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54580P/FP
7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
DESCRIPTION
M54580P and M54580FP are seven-circuit output-sourcing
Darlington transistor arrays. The circuits are made of PNP
and NPN transistors. Both the semiconductor integrated cir-
cuits perform high-current driving with extremely low input-
current supply.
FEATURES
High breakdown voltage (BVCEO
≥ 50V)
High-current driving (Io(max) = –150mA)
Active L-level input
With input diodes
Wide operating temperature range (Ta = –20 to +75
°C)
APPLICATION
Drives of relays, printers and indication elements such as
LEDs, fluorescent display tubes and lamps, and interfaces
between MOS-bipolar logic systems and relays, solenoids,
or small motors
FUNCTION
The M54580P and M54580FP each have seven circuits,
which are made of output current-sourcing Darlington tran-
sistors consisting of PNP and NPN transistors. Each PNP
transistor has a diode and resistance of 7k
Ω between the
base and input pin. Its emitter and NPN transistor collectors
are connected to the VS pin (pin 9). Resistance of 50k
Ω is
connected between each output pin and GND pin (pin 8).
Output current is 150mA maximum. Supply voltage VS is 50V
maximum.
The M54580FP is enclosed in a molded small flat package,
enabling space-saving design.
CIRCUIT DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
VCEO
VS
VI
IO
Pd
Topr
Tstg
–0.5 ~ +50
50
–0.5 ~ VS
–150
1.47(P)/1.00(FP)
–20 ~ +75
–55 ~ +125
V
V
V
mA
W
°C
°C
Ratings
Unit
Symbol
Parameter
Conditions
Collector-emitter voltage
Supply voltage
Input voltage
Output current
Power dissipation
Operating temperature
Storage temperature
Output, L
Current per circuit output, H
Ta = 25
°C, when mounted on board
1
IN1
IN2
IN3
IN4
IN5
IN6
IN7
VS
GND
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
→O7
→O6
→O5
→O4
→O3
→O2
→O1 
16P4(P)
Package type 16P2N-A(FP)
INPUT
OUTPUT
30K
50K
7K
7K
GND
VS
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
The seven circuits share the VS and GND.


同様の部品番号 - M54580P

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M54580P MITSUBISHI-M54580P Datasheet
101Kb / 3P
   7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
More results

同様の説明 - M54580P

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M54560P MITSUBISHI-M54560P Datasheet
100Kb / 3P
   7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P Datasheet
101Kb / 3P
   7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54528P MITSUBISHI-M54528P Datasheet
90Kb / 2P
   7- UNIT 150MA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M464S1654BT1 MITSUBISHI-M464S1654BT1 Datasheet
53Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54561P MITSUBISHI-M54561P Datasheet
80Kb / 4P
   7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54564P MITSUBISHI-M54564P Datasheet
77Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1275 SANYO-LB1275 Datasheet
62Kb / 2P
   7-Unit, Darlington Transistor Array???
logo
Mitsubishi Electric Sem...
M54517P MITSUBISHI-M54517P Datasheet
100Kb / 3P
   7 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
M54566WP MITSUBISHI-M54566WP Datasheet
80Kb / 4P
   7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com