| データシートサーチシステム |
|
ICS1893CF データシート(PDF) 105 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CF データシート(HTML) 105 Page - Integrated Circuit Systems |
|
105 / 126 page ![]() Chapter 9 DC and AC Operating Conditions ICS1893CF, Rev. F, 03/01/07 Mar. 2007 105 ICS1893CF Data Sheet Rev. F - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. 9.5.3 Timing for Receive Clock (RXCLK) Pins Table 9-10 lists the significant time periods for signals on the Receive Clock (RXCLK) pins for the various interfaces. Figure 9-4 shows the timing diagram for the time periods. Figure 9-4. Receive Clock Timing Diagram Table 9-10. MII Receive Clock Timing Time Period Parameter Conditions Min. Typ. Max. Units t1 RXCLK Duty Cycle – 35 50 65 % t2a RXCLK Period 100M MII (100Base-TX) – 40 – ns t2b RXCLK Period 10M MII (10Base-T) – 400 – ns RXCLK t1 t2 |