データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS1893CFIT データシート(PDF) 115 Page - Integrated Circuit Systems

部品番号 ICS1893CFIT
部品情報  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFIT データシート(HTML) 115 Page - Integrated Circuit Systems

Back Button ICS1893CFIT Datasheet HTML 111Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 112Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 113Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 114Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 115Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 116Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 117Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 118Page - Integrated Circuit Systems ICS1893CFIT Datasheet HTML 119Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 126 page
background image
Chapter 9 DC and AC Operating Conditions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
115
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
9.5.13 100M MII Media Independent Interface: Receive Latency
Table 9-20 lists the significant time periods for the 100M MII / 100M Stream Interface receive latency. The
time periods consist of timings of signals on the following pins:
• TP_RX (that is, TP_RXP and TP_RXN)
• RXCLK
• RXD (that is, RXD[3:0])
Figure 9-14 shows the timing diagram for the time periods.
Figure 9-14. 100M MII / 100M Stream Interface: Receive Latency Timing Diagram
Table 9-20. 100M MII / 100M Stream Interface Receive Latency Timing
Time
Period
Parameter
Conditions
Min. Typ. Max.
Units
t1
First Bit of /J/ into TP_RX to /J/ on RXD 100M MII
–
16
17
Bit times
RXCLK
TP_RX†
† Shown
unscrambled.
RXD
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More