| データシートサーチシステム |
|
ICS1893CFILFT データシート(PDF) 125 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS1893CFILFT データシート(HTML) 125 Page - Integrated Circuit Systems |
|
125 / 126 page ![]() Chapter 11 Ordering Information ICS1893CF, Rev. F, 03/01/07 Mar. 2007 125 ICS1893CF Data Sheet Rev. F - Release Copyright © 2007, Integrated Device Technology, Inc. All rights reserved. Chapter 11 Ordering Information Figure 11-1. shows ordering information for the ICS1893CF. Part / Order Number Marking Package Temperature ICS1893CF 1893CF 48-Lead 300-mil SSOP 0 ° C to 70° C ICS1893CFLF 1893CFLF 48-Lead SSOP Lead/Pb-Free 0 ° C to 70° C ICS1893CFT 1893CF 48-Lead 300-mil SSOP, Tape and Reel 0 ° C to 70° C ICS1893CFLFT 1893CFLF 48-Lead SSOP Lead/Pb-Free, Tape and Reel 0 ° C to 70° C ICS1893CFI 1893CFI 48-Lead 300-mil SSOP -40 ° C to 85° C ICS1893CFILF 1893CFILF 48-Lead SSOP Lead/Pb-Free -40 ° C to 85° C ICS1893CFIT 1893CFI 48-Lead 300-mil SSOP, Tape and Reel -40 ° C to 85° C ICS1893CFILFT 1893CFILF 48-Lead SSOP Lead/Pb-Free, Tape and Reel -40 ° C to 85° C ICS1893CK 1893CK 56-Lead 8x8 MLF2 0 ° C to 70° C ICS1893CKLF 1893CKLF 56-Lead MLF2 Lead/Pb-Free 0 ° C to 70° C ICS1893CKT 1893CK 56-Lead 8x8 MLF2, Tape and Reel 0 ° C to 70° C ICS1893CKLFT 1893CKLF 56-Lead MLF2 Lead/Pb-Free, Tape and Reel 0 ° C to 70° C ICS1893CKI 1893CKI 56-Lead 8x8 MLF2 -40 ° C to 85° C ICS1893CKILF 1893CKILF 56-Lead MLF2 Lead/Pb-Free -40 ° C to 85° C ICS1893CKIT 1893CKI 56-Lead 8x8 MLF2, Tape and Reel -40 ° C to 85° C ICS1893CKILFT 1893CKILF 56-Lead MLF2 Lead/Pb-Free, Tape and Reel -40 ° C to 85° C |