| データシートサーチシステム |
|
PM5366-PI データシート(PDF) 155 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5366-PI データシート(HTML) 155 Page - PMC-Sierra, Inc |
|
155 / 267 page ![]() PRELIMINARY PM5366 TEMAP-84 DATASHEET PMC-2010672 ISSUE 1 HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER PROPRIETARY AND CONFIDENTIAL 143 The boundary scan register is made up of 302 boundary scan cells, divided into input observation (IN_CELL), output (OUT_CELL) and bidirectional (IO_CELL) cells. These cells are detailed in the following pages. The first 32 cells form the ID code register and carry the code 053660CDH. The boundary scan chain order is presented in Table 12. Table 12 - Boundary Scan Register Pin/ Enable Bit # Cell Type Id Bit Pin/ Enable Bit # Cell Type Id Bit SDC1FP 0 IO_CELL - OEB_D_3 151 OUT_CELL - OEB_SDC1FP 1 OUT_CELL - D_4 152 IO_CELL - SBIACT 2 OUT_CELL - OEB_D_4 153 OUT_CELL - OEB_SBIACT 3 OUT_CELL - D_5 154 IO_CELL - SAJUST_REQ 4 OUT_CELL - OEB_D_5 155 OUT_CELL - OEB_SAJUST_REQ 5 OUT_CELL - D_6 156 IO_CELL - SDDATA_0 6 OUT_CELL - OEB_D_6 157 OUT_CELL - OEB_SDDATA_0 7 OUT_CELL - D_7 158 IO_CELL - SDDATA_1 8 OUT_CELL - OEB_D_7 159 OUT_CELL - OEB_SDDATA_1 9 OUT_CELL - ALE 160 IN_CELL - SDDATA_2 10 OUT_CELL - RSTB 161 IN_CELL - OEB_SDDATA_2 11 OUT_CELL - A_0 162 IN_CELL - SDDATA_3 12 OUT_CELL - A_1 163 IN_CELL - OEB_SDDATA_3 13 OUT_CELL - A_2 164 IN_CELL - SDDATA_4 14 OUT_CELL - A_3 165 IN_CELL - OEB_SDDATA_4 15 OUT_CELL - A_4 166 IN_CELL - SDDATA_5 16 OUT_CELL - A_5 167 IN_CELL - OEB_SDDATA_5 17 OUT_CELL - A_6 168 IN_CELL - SDDATA_6 18 OUT_CELL - A_7 169 IN_CELL - OEB_SDDATA_6 19 OUT_CELL - A_8 170 IN_CELL - SDDATA_7 20 OUT_CELL - A_9 171 IN_CELL - OEB_SDDATA_7 21 OUT_CELL - A_10 172 IN_CELL - SDDP 22 OUT_CELL - A_11 173 IN_CELL - OEB_SDDP 23 OUT_CELL - A_12 174 IN_CELL - SDPL 24 OUT_CELL - WRB 175 IN_CELL - OEB_SDPL 25 OUT_CELL - RDB 176 IN_CELL - |