データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCS1002-3 データシート(PDF) 111 Page - Microchip Technology

部品番号 UCS1002-3
部品情報  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 データシート(HTML) 111 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 106Page - Microchip Technology UCS1002-3 Datasheet HTML 107Page - Microchip Technology UCS1002-3 Datasheet HTML 108Page - Microchip Technology UCS1002-3 Datasheet HTML 109Page - Microchip Technology UCS1002-3 Datasheet HTML 110Page - Microchip Technology UCS1002-3 Datasheet HTML 111Page - Microchip Technology UCS1002-3 Datasheet HTML 112Page - Microchip Technology UCS1002-3 Datasheet HTML 113Page - Microchip Technology UCS1002-3 Datasheet HTML 114Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 111 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 110
UCS1002-3
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
UCS1002-3:
Programmable USB Port Power Controller
with Charger Emulation
Package:
BP
= 20-Lead, QFN, Lead-Free ROHS Compliant
Package
Tape and Reel Option: Blank = Standard packaging, 490/tray
TR
= Tape and Reel(1), 5000/reel
Examples:
a) UCS1002-3-BP:
Tray, 20-L 4x4 mm,
QFN Lead-Free,
ROHS-Compliant package
b) UCS1002-3-BP-TR: Tape and Reel,20-L, 4x4 mm,
QFN Lead-Free,
ROHS-Compliant package
PART NO.
Device
-XX
Package
-XX(1)
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package avail-
ability for the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More