データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAJ-007-S1-0.71 データシート(PDF) 1 Page - Eravant

部品番号 SAJ-007-S1-0.71
部品情報  Trihedral Corner Reflector, 18 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ERAVANT [Eravant]
ホームページ  https://www.eravant.com/
Logo ERAVANT - Eravant

SAJ-007-S1-0.71 データシート(HTML) 1 Page - Eravant

  SAJ-007-S1-0.71 Datasheet HTML 1Page - Eravant SAJ-007-S1-0.71 Datasheet HTML 2Page - Eravant SAJ-007-S1-0.71 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAJ-007-S1-0.71
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.4
Trihedral Corner Reflector, 18 mm
SAJ-007-S1-0.71 is an 18 mm x 18 mm x 18 mm trihedral corner
reflector, featuring a rugged aluminum construction with a clear chemical
film finish. The trihedral reflector simulates radar target precisely and is
widely used for radar system calibration. With an 8-32 threaded hole for
a built-in mounting bracket, the reflector can be mounted onto a tripod for
rapid system setups.
Mechanical Specifications:
Item
Specification
Mounting
8-32 Threaded Hole
Material
Aluminum
Finish
Clear Chem Film
Weight
0.14 Oz
Edge Length
0.71” [18 mm]
Outline
AJ-S-0.71-RC
ECCN
EAR99
FEATURES
Compact Size
High RCS
Rugged Configuration
APPLICATIONS
Radar Target Simulator
Radar System Evaluation
Radar System Calibration
SUPPLEMENTAL DETAILS


同様の部品番号 - SAJ-007-S1-0.71

メーカー部品番号データシート部品情報
logo
Apex Electronics Co., L...
SAJ-003 APEX-ELECTRONICS-SAJ-003 Datasheet
557Kb / 1P
DC Power Jack with Slide Switch Module
SAJ-004 APEX-ELECTRONICS-SAJ-004 Datasheet
557Kb / 1P
DC Power Jack with Slide Switch Module
SAJ-005 APEX-ELECTRONICS-SAJ-005 Datasheet
557Kb / 1P
DC Power Jack with Slide Switch Module
SAJ-006 APEX-ELECTRONICS-SAJ-006 Datasheet
557Kb / 1P
DC Power Jack with Slide Switch Module
More results

同様の説明 - SAJ-007-S1-0.71

メーカー部品番号データシート部品情報
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Ledil, Inc.
C13353 LEDIL-C13353 Datasheet
3Mb / 9P
횠21.1 mm mini reflector with ~40째 wide beam
logo
Schurter Inc.
LFM SCHURTER-LFM_V02 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
04.01.2022
logo
Everlight Electronics C...
67-03-RSGHBHC-B06-1T EVERLIGHT-67-03-RSGHBHC-B06-1T Datasheet
444Kb / 13P
REFLECTOR
EAPL3527RGBA4 EVERLIGHT-EAPL3527RGBA4 Datasheet
452Kb / 15P
REFLECTOR
logo
Schurter Inc.
LFM SCHURTER-LFM_V01 Datasheet
290Kb / 3P
LED Reflector Holder round with 5 mm LED
11.01.2021
LFM SCHURTER-LFM Datasheet
252Kb / 2P
LED Reflector Holder round with 5 mm LED
logo
Everlight Electronics C...
67-03-RSGHBHC-B06-1T(GH) EVERLIGHT-67-03-RSGHBHC-B06-1T(GH) Datasheet
444Kb / 13P
REFLECTOR
67-03-RSGHBHC-B06-1T(RS) EVERLIGHT-67-03-RSGHBHC-B06-1T(RS) Datasheet
444Kb / 13P
REFLECTOR
EAPL2214BA1 EVERLIGHT-EAPL2214BA1 Datasheet
471Kb / 9P
REFLECTOR
EAPL4040WA0-AM EVERLIGHT-EAPL4040WA0-AM Datasheet
301Kb / 10P
REFLECTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com