データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCR8PM-12L データシート(PDF) 3 Page - Powerex Power Semiconductors

部品番号 BCR8PM-12L
部品情報  Triac 8 Amperes/400-600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWEREX [Powerex Power Semiconductors]
ホームページ  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR8PM-12L データシート(HTML) 3 Page - Powerex Power Semiconductors

  BCR8PM-12L Datasheet HTML 1Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 2Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 3Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 4Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 5Page - Powerex Power Semiconductors BCR8PM-12L Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR8PM
Triac
8 Amperes/400-600 Volts
T-41
Electrical and Thermal Characteristics, Tj = 25 °C unless otherwise specified
Test Conditions (Trigger Mode)
BCR8PM
Characteristics
Symbol
VD
RL
RG
Tj
Min.
Typ.
Max.
Units
Gate Parameters
DC Gate Trigger Current
MT2+ Gate+
6V
6
330
25°C
30
mA
MT2+ Gate–
IGT
6V
6
330
25°C
30
mA
MT2– Gate–
6V
6
330
25°C
30
mA
DC Gate Trigger Voltage
MT2+ Gate+
6V
6
330
25°C
1.5
Volts
MT2+ Gate–
VGT
6V
6
330
25°C
1.5
Volts
MT2– Gate–
6V
6
330
25°C
1.5
Volts
DC Gate Non-trigger Voltage
All
VGD
1/2 VDRM
125°C
0.2
Volts


同様の部品番号 - BCR8PM-12L

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
125Kb / 8P
   Triac Medium Power Use
BCR8PM-12L RENESAS-BCR8PM-12L Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR8PM-12LA RENESAS-BCR8PM-12LA Datasheet
125Kb / 8P
   Triac Medium Power Use
logo
Inchange Semiconductor ...
BCR8PM-12LA ISC-BCR8PM-12LA Datasheet
171Kb / 1P
   isc Thyristors
logo
Renesas Technology Corp
BCR8PM-12LA-A8 RENESAS-BCR8PM-12LA-A8 Datasheet
125Kb / 8P
   Triac Medium Power Use
More results

同様の説明 - BCR8PM-12L

メーカー部品番号データシート部品情報
logo
Powerex Power Semicondu...
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
   Triac 8 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
   Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
   Triac 6 Amperes/400-600 Volts
BCR16CM POWEREX-BCR16CM Datasheet
81Kb / 6P
   Triac 16 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
   Triac 12 Amperes/400-600 Volts
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
   Triac 10 Amperes/400-600 Volts
BCR3AM POWEREX-BCR3AM Datasheet
70Kb / 4P
   Triac 3 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
   Isolated Triac 10 Amperes/400-600 Volts
BCR12PM POWEREX-BCR12PM Datasheet
84Kb / 6P
   Isolated Triac 12 Amperes/400-600 Volts
BCR16PM POWEREX-BCR16PM Datasheet
73Kb / 4P
   Isolated Triac 16 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com