データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G250N03IEA データシート(PDF) 1 Page - Goford Semiconductor

部品番号 G250N03IEA
部品情報  N-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOFORD [Goford Semiconductor]
ホームページ  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor

G250N03IEA データシート(HTML) 1 Page - Goford Semiconductor

  G250N03IEA Datasheet HTML 1Page - Goford Semiconductor G250N03IEA Datasheet HTML 2Page - Goford Semiconductor G250N03IEA Datasheet HTML 3Page - Goford Semiconductor G250N03IEA Datasheet HTML 4Page - Goford Semiconductor G250N03IEA Datasheet HTML 5Page - Goford Semiconductor G250N03IEA Datasheet HTML 6Page - Goford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
G250N03IEA
www.gofordsemi.com
TEL:0755-29961263
FAX:0755-29961466(A1666-V1.1)
Absolute Maximum Ratings TC = 25ºC, unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
30
V
Continuous Drain Current
ID
5.3
A
Pulsed Drain Current
(note1)
IDM
22
A
Gate-Source Voltage
VGS
±
10
V
Power Dissipation
PD
1.4
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 To 150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Ambient
RthJA
89
ºC/W
N-Channel Enhancement Mode Power MOSFET
Description
The G250N03IEA uses advanced trench technology to
provide excellent RDS(ON) , low gate charge. It can be used in
a wide variety of applications.
AEC-Q101 Qualified
General Features
l
VDS
30V
l
ID (at VGS = 10V)
5.3A
l
RDS(ON) (at VGS = 10V)
< 25mΩ
l
RDS(ON) (at VGS = 4.5V)
< 30mΩ
l
RDS(ON) (at VGS = 2.5V)
< 50mΩ
l
100% Avalanche Tested
l
RoHS Compliant
l
ESD (HBM)>4.0KV
Application
l
Power switch
l
DC/DC converters
Ordering Information
Device
Package
Marking
Packaging
G250N03IEA
SOT-23
G250N03
3000pcs/Reel
Schematic diagram
SOT-23


同様の部品番号 - G250N03IEA

メーカー部品番号データシート部品情報
logo
Goford Semiconductor
G250N03IE GOFORD-G250N03IE Datasheet
876Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - G250N03IEA

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com