データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1760PY データシート(PDF) 12 Page - Winbond

部品番号 ISD1760PY
部品情報  Multi-Message Single-Chip Voice Record & Playback Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1760PY データシート(HTML) 12 Page - Winbond

Back Button ISD1760PY Datasheet HTML 8Page - Winbond ISD1760PY Datasheet HTML 9Page - Winbond ISD1760PY Datasheet HTML 10Page - Winbond ISD1760PY Datasheet HTML 11Page - Winbond ISD1760PY Datasheet HTML 12Page - Winbond ISD1760PY Datasheet HTML 13Page - Winbond ISD1760PY Datasheet HTML 14Page - Winbond ISD1760PY Datasheet HTML 15Page - Winbond ISD1760PY Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ISD1700 SERIES
- 12 -
7.2 SPI OPERATION
T
SSH
T
SSmin
T
SCKhi
T
SSS
T
DIS
T
DIH
T
SCKlow
T
DF
(TRISTATE)
SS
SCLK
MOSI
MISO
LSB
T
PD
MSB
LSB
MSB
Figure 12.8: SPI Operation
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
SS Setup Time
TSSS
500
nsec
SS Hold Time
TSSH
500
nsec
Data in Setup Time
TDIS
200
nsec
Data in Hold Time
TDIH
200
nsec
Output Delay
TPD
500
nsec
Output Delay to HighZ
TDF
500
nsec
SS HIGH
TSSmin
1
µsec
SCLK High Time
TSCKhi
400
nsec
SCLK Low Time
TSCKlow
400
nsec
CLK Frequency
F0
1,000
KHz
Power-Up Delay
[1]
TPUD
50
msec
Notes:
[1] The value shown is based upon 8 kHz sampling frequency. Delay increases proportionally for
slower sampling frequency.


同様の部品番号 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Winbond
ISD1760A WINBOND-ISD1760A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results

同様の説明 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com