データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1760PY データシート(PDF) 15 Page - Winbond

部品番号 ISD1760PY
部品情報  Multi-Message Single-Chip Voice Record & Playback Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1760PY データシート(HTML) 15 Page - Winbond

Back Button ISD1760PY Datasheet HTML 11Page - Winbond ISD1760PY Datasheet HTML 12Page - Winbond ISD1760PY Datasheet HTML 13Page - Winbond ISD1760PY Datasheet HTML 14Page - Winbond ISD1760PY Datasheet HTML 15Page - Winbond ISD1760PY Datasheet HTML 16Page - Winbond ISD1760PY Datasheet HTML 17Page - Winbond ISD1760PY Datasheet HTML 18Page - Winbond ISD1760PY Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ISD1700 SERIES
Publication Release Date: January 23, 2007
- 15 -
Revision 1.3-S2
9.2
AC PARAMETERS
CHARACTERISTIC
SYMBOL
MIN
TYP
[1]
MAX
UNITS
CONDITIONS
Sampling Frequency
[2]
FS
4
12
kHz
[2] [4]
Duration
[3]
TDur
Refer to
duration
table
sec
[3]
Rising Time
Tr
100
nsec
Falling Time
Tf
100
nsec
Debounce Time
TDeb
192/FS
msec
[4]
Ramp Up Time
TRU
128/FS
msec
Ramp Down Time
TRD
128/FS
msec
Initial Scan Time after
power is applied
TSc1
DRN/8/FS
msec DRN= device row#
[4]
Initial Scan Time from PD
state
TSc2
DRN/16/FS
msec After a PB operation
is run
[4]
End Recording Time
TER
32/FS
msec
[4]
LED High Time
TLH
0.5K/FS
msec
[4]
LED Flash Time for SE1
TLS1
3.5K/FS
sec
SE1 not recorded
[5]
LED Flash Time for SE2
TLS2
7.5K/FS
sec
SE2 not recorded
[5]
LED Flash Time for SE3
TLS3
11.5K/FS
sec
SE3 not recorded
[5]
LED Flash Time for SE4
TLS4
15.5K/FS
sec
SE4 not recorded
[5]
SE1 Recorded Duration
TSE1
4K/FS
sec
[4] [5]
SE2 Recorded Duration
TSE2
4K/FS
sec
[4] [5]
SE3 Recorded Duration
TSE3
4K/FS
sec
[4] [5]
SE4 Recorded Duration
TSE4
4K/FS
sec
[4] [5]
Erase Time
TE
10MRN/FS
sec
MRN=message row #
[4]
Global Erase Wait Time
TGE1
20K/FS
sec
[4] [5]
Global Erase Time
TGE2
34/FS
sec
RESET Pulse
TReset
1
μsec All Fs
[4]
Settle Time
TSet1
128/FS
msec
[4]
Settle Time after Reset
TSet2
64/FS
msec
[4]
LED Error Time
TLErr
27.5K/FS
msec
[4] [5]
LED Cycle frequency
TCyc
1
4
Hz
Pending upon FS
Notes:
[1] Typical values: VCC = 4.5 V, FS = 8 kHz and @ TA = 25°C, unless otherwise stated.
[2] Characterization data shows that sampling frequency resolution is ±5 percent across temperature and voltage
ranges.
[3] Characterization data shows that duration resolution is ±5 percent across temperature and voltage ranges.
[4] Vcc=2.4 V~5.5V
[5] K = 1024


同様の部品番号 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Winbond
ISD1760A WINBOND-ISD1760A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results

同様の説明 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com