データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1760PY データシート(PDF) 16 Page - Winbond

部品番号 ISD1760PY
部品情報  Multi-Message Single-Chip Voice Record & Playback Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1760PY データシート(HTML) 16 Page - Winbond

Back Button ISD1760PY Datasheet HTML 12Page - Winbond ISD1760PY Datasheet HTML 13Page - Winbond ISD1760PY Datasheet HTML 14Page - Winbond ISD1760PY Datasheet HTML 15Page - Winbond ISD1760PY Datasheet HTML 16Page - Winbond ISD1760PY Datasheet HTML 17Page - Winbond ISD1760PY Datasheet HTML 18Page - Winbond ISD1760PY Datasheet HTML 19Page - Winbond ISD1760PY Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ISD1700 SERIES
- 16 -
10 TYPICAL APPLICATION CIRCUITS
The following typical applications examples on ISD1700 Series are for references only. They make no
representation or warranty that such applications shall be suitable for the use specified. Each design
has to be optimized in its own system for the best performance on voice quality, current consumption,
functionalities and etc.
The below notes apply to the following applications examples:
*
These capacitors may be needed in order to optimize for the best voice quality, which is also dependent
upon the layout of the PCB. Depending on system requirements, they can be 10
μF, 4.7 μF or other values.
Please refer to the applications notes or consult Winbond for layout advice.
** It is important to have a separate path for each ground and power back to the related terminals to minimize
the noise. Also, the power supplies should be decoupled as close to the device as possible
.
Example #1: Recording using microphone input via push-button controls
Vcc
ISD1700
R
OSC
V
CCA
SP+
AUD/AUX
ERASE
PLAY
REC
AGC
V
SSD
V
CCD
AnaIn
MIC -
MIC+
MISO
MOSI
SCLK
SS
FWD
VOL
V
CCA
0.1 F
μ
V
CCD
*
24
23
25
26
19
10
11
20
18
1
28
17
22
9
V
CCA
V
CCD
V
CCP
V
SSA
V
CCP
V
SSP1
SP-
V
SSP2
V
CCP
0.1 F
μ
0.1 F
μ
*
*
21
8
14
16
12
0.1 F
μ
*
INT/RDY
27
7
6
5
4
V
CC
4.7 F
μ
Ω
4.7 K
0.1 F
μ
4.7 K
Ω
0.1 F
μ
4.7 K
Ω
**
**
*** At 8kHz sampling freq, Rosc = 80 K
Rosc ***
4.7 F
μ
FT
15
13
Speaker
or Buzzer
V
CCD
Optional
Ω
100 K
Optional: based upon the applications
390
Ω
0.1 F
μ
V
CC
8050C
Speaker
AUX
AUD
Gnd
LED
1 K
Ω
D1
2
vAlert
3
RESET
0.1 F
μ
Reset
: Digital ground;
: Analog ground;
: Ground for SP+;
: Ground for SP-


同様の部品番号 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Winbond
ISD1760A WINBOND-ISD1760A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results

同様の説明 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com